Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AN2600 Datasheet(PDF) 5 Page - STMicroelectronics

Part # AN2600
Description  SMPS for high-end PVR based on L6668
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2600 Datasheet(HTML) 5 Page - STMicroelectronics

  AN2600 Datasheet HTML 1Page - STMicroelectronics AN2600 Datasheet HTML 2Page - STMicroelectronics AN2600 Datasheet HTML 3Page - STMicroelectronics AN2600 Datasheet HTML 4Page - STMicroelectronics AN2600 Datasheet HTML 5Page - STMicroelectronics AN2600 Datasheet HTML 6Page - STMicroelectronics AN2600 Datasheet HTML 7Page - STMicroelectronics AN2600 Datasheet HTML 8Page - STMicroelectronics AN2600 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 30 page
background image
AN2600
Main characteristics
5/30
1
Main characteristics
The main characteristics of the SMPS are listed below:
●
Input voltage:
–Vin = 185 ÷ 265 Vrms
–f=50 Hz
●
EMI: in accordance with EN55022 Class B
●
Safety: in accordance with IEC 60065 7th ed.
Table 1.
Output specifications
Vout (V):
Iout (A)
Pout (W)
Tolerance
Notes
1
3.3
3.5
11.55
+/- 5%
Dedicated to 3.3 V circuitry, 2.6 V and
1.1 V local post regulators
2
5
1.9
9.5
+/- 5%
Dedicated to HDD, display, 5V circuitry
and 2.6 V local post regulators
3
12
0.8
9.6
+/- 2%
Dedicated to HDD
4
16
0.5
8
+/- 10%
Dedicated to LNB for satellite DVB
5
23
0.5
11.5
+/- 10%
Dedicated to LNB for satellite DVB
6
-25
0.15
3.75
+/- 10%
Dedicated to display
7
3.3 AC
0.08
0.25
Dedicated to the display filaments
8
33
0.01
0.33
+/- 10%
Dedicated to the tuner
POUT (W) =55 W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com