Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AN2623 Datasheet(PDF) 7 Page - STMicroelectronics

Part # AN2623
Description  Evaluation board for off-line forward converter based on L5991
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2623 Datasheet(HTML) 7 Page - STMicroelectronics

Back Button AN2623 Datasheet HTML 3Page - STMicroelectronics AN2623 Datasheet HTML 4Page - STMicroelectronics AN2623 Datasheet HTML 5Page - STMicroelectronics AN2623 Datasheet HTML 6Page - STMicroelectronics AN2623 Datasheet HTML 7Page - STMicroelectronics AN2623 Datasheet HTML 8Page - STMicroelectronics AN2623 Datasheet HTML 9Page - STMicroelectronics AN2623 Datasheet HTML 10Page - STMicroelectronics AN2623 Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 25 page
background image
AN2623
Design circuit
7/25
3
Design circuit
This section describes the design of the major parts of the circuit.
3.1
Primary controller: L5991
As previously stated, the L5991 is used as the primary controller and its components must
first be selected. Refer to the L5991 datasheet for the choice of the two resistors (RA, RB )
and one capacitor (CT) which allows setting separately the operating frequency of the
oscillator in normal operation (fosc) and in standby mode (fsb). In this application, it was
established that the device must work at the unique frequency (in this case RB →∝) of 60
kHz in normal and in standby operation. This frequency is calculated using RA in the
following formula:
Equation 1
where KT=160 Ω and CT is calculated fixing the discharge oscillator capacitor time
Td=5%Tsw
Equation 2
Establishing a Dmax = 50%, L5991 allows obtaining this last value in two different ways. The
method that allows implementing the slope compensation, if needed, was used.
The duty cycle limitation is obtained by applying the following voltage to pin3 :
Equation 3
fixing (refer to Figure 4) Rup=4.70 kΩ, we can then immediately calculate Rdown=3.60 kΩ.
3.2
Output filter
Admitting a max current ripple on the inductor
∆ILout equal to 20% of IoutMAX, it is
necessary to select an inductor value according to Equation 4:
Equation 4
The RMS (root mean square) current through the inductor is given by Equation 5:
Equation 5
f
osc
1
C
T
0.693
R
A
K
T
+
⋅
()
⋅
---------------------------------------------------------------
=
T
d
30
10
9
–
K
t
C
t
C
t
4.7
=
nF R
A
5.6 k
Ω
=
,
⇒
⋅
+
⋅
=
V
3
52
2D
max
–
()
V
3
2.17 V
=
⇒
–
=
L
out
V
2min
V
diode
–
V
out
–
∆I
out
-------------------------------------------------------
D
max
f
sw
--------------
L
out
342
µH
=
⇒
⋅
=
I
RMS
Lout
–
I
2
out
∆
2
out
12
-------------
+
I
RMS
Lout
–
4.58 A
=
⇒
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com