Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AN2623 Datasheet(PDF) 9 Page - STMicroelectronics

Part # AN2623
Description  Evaluation board for off-line forward converter based on L5991
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2623 Datasheet(HTML) 9 Page - STMicroelectronics

Back Button AN2623 Datasheet HTML 5Page - STMicroelectronics AN2623 Datasheet HTML 6Page - STMicroelectronics AN2623 Datasheet HTML 7Page - STMicroelectronics AN2623 Datasheet HTML 8Page - STMicroelectronics AN2623 Datasheet HTML 9Page - STMicroelectronics AN2623 Datasheet HTML 10Page - STMicroelectronics AN2623 Datasheet HTML 11Page - STMicroelectronics AN2623 Datasheet HTML 12Page - STMicroelectronics AN2623 Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 25 page
background image
AN2623
Design circuit
9/25
Equation 12
and for the free wheeling diode:
Equation 13
Equation 14
In Equation 12, 13, and 14 the currents are calculated in Full Load condition considering
the worst case for each diode and can be used to calculate the maximum power dissipation
for each diode.
To reduce the number of components, the size of the board, and to minimize power losses,
the ST double fast recovery rectifier BYT16P-400 was selected.
Although the two diodes inside the same package are always working complementarily, in
order to choose the heat sink, the total power losses in the worst case can be calculated as
if, instead of two diodes there is only one that flows through the whole current of the
inductor:
Equation 15
Considering TAmbMax = 70 °C, the power losses just calculated, and the maximum junction
temperature TJmax (see diode datasheets) of the selected diode, it is possible to determine
the total thermal resistance of the diode:
Equation 16
The Rthmax that results is lower than the max junction to ambient thermal resistance RthJ-A
max of the select diode, so a heat sink with thermal resistance RthSN≅ 13 °C must be added.
3.4
Power transformer design and MOSFET choice
Ideally in a forward converter, the energy flows forward from the primary side to the
secondary side without any storage in the transformer. But the real transformer does not
have infinite magnetizing inductance, so during the on-time of the power MOSFET some
energy is stored in the magnetic core. The proper magnetic core and the primary winding
turn number have to be selected in order to avoid core saturation. The proper magnetic core
and primary winding turn number must be selected taking into account that some energy is
also dissipated in the magnetic core.
I
RMSdiodeR
I
out
D
max
1
1
12
------
∆I
out
I
out
-------------
⎝⎠
⎛⎞
2
⋅
+
⎝⎠
⎛⎞
I
RMSdiodeR
3.2 A
=
⇒
⋅⋅
=
I
AVGdiodeR
I
out
D
max
2.25 A
=
⋅
=
D
min
D
max
V
dcmin
V
dcmax
-------------------
11.5
I
RMSdiodeF
I
out
1D
min
–
()
1
1
12
------
∆I
out
I
out
-------------
⎝⎠
⎛⎞
2
⋅
+
⎝⎠
⎛⎞ 4.23A
=
⋅⋅
=
⇒
=
⋅
=
%
I
AVGdiodeF
I
out
1D
min
–
() 3.825 A
=
⋅
=
P
totDiode
V
t
I
out
R
+
d
I
2
out
1
1
12
------
I
out
∆
I
out
------------
⎝⎠
⎛⎞
2
⋅
+
⎝⎠
⎛⎞ 5.53 W
=
⋅⋅
⋅
=
R
thmax
T
jmax
T
AmbMax
–
P
lossesR
--------------------------------------------
15
° C
=
=
/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com