Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AN2684 Datasheet(PDF) 6 Page - STMicroelectronics

Part # AN2684
Description  The STEVAL-IFP006V1 demonstration board has been developed
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2684 Datasheet(HTML) 6 Page - STMicroelectronics

Back Button AN2684 Datasheet HTML 2Page - STMicroelectronics AN2684 Datasheet HTML 3Page - STMicroelectronics AN2684 Datasheet HTML 4Page - STMicroelectronics AN2684 Datasheet HTML 5Page - STMicroelectronics AN2684 Datasheet HTML 6Page - STMicroelectronics AN2684 Datasheet HTML 7Page - STMicroelectronics AN2684 Datasheet HTML 8Page - STMicroelectronics AN2684 Datasheet HTML 9Page - STMicroelectronics AN2684 Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 21 page
background image
VNI4140K quad high-side smart power solid-state relay IC description
AN2684
6/21
Doc ID 14266 Rev 1
3
VNI4140K quad high-side smart power solid-state
relay IC description
The VNI4140k is a monolithic 4-channel driver featuring a very low supply current. The IC,
which uses STMicroelectronics VIPower technology, is intended for driving loads with one
side connected to ground.
Active channel current limitation, combined with thermal shutdown (independent for each
channel) and automatic restart, protect the device against overload.
The main features of the VNI4140K IC are:
●
Output current: 0.7 A per channel
●
Shorted load protections for each channel
●
Junction overtemperature protection
●
Case overtemperature protection for thermal independence of the channels
●
Thermal case shutdown and restart not simultaneous for the various channels
●
Protection against ground disconnection
●
Current limitation
●
Undervoltage shutdown
●
Open drain diagnostic outputs
●
3.3 V CMOS/TTL compatible inputs
●
Fast demagnetization of inductive loads
●
Conforms to IEC 61131-2
Figure 2.
Block diagram
Active current limitation avoids that the system power supply drops in case of shorted load.
In overload condition, the channel turns OFF and back ON automatically after the IC
temperatures decrease below a threshold fixed by a temperature hysteresis so that junction



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com