Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AN2684 Datasheet(PDF) 8 Page - STMicroelectronics

Part # AN2684
Description  The STEVAL-IFP006V1 demonstration board has been developed
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2684 Datasheet(HTML) 8 Page - STMicroelectronics

Back Button AN2684 Datasheet HTML 4Page - STMicroelectronics AN2684 Datasheet HTML 5Page - STMicroelectronics AN2684 Datasheet HTML 6Page - STMicroelectronics AN2684 Datasheet HTML 7Page - STMicroelectronics AN2684 Datasheet HTML 8Page - STMicroelectronics AN2684 Datasheet HTML 9Page - STMicroelectronics AN2684 Datasheet HTML 10Page - STMicroelectronics AN2684 Datasheet HTML 11Page - STMicroelectronics AN2684 Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 21 page
background image
IFP006V1 demonstration board description
AN2684
8/21
Doc ID 14266 Rev 1
4
IFP006V1 demonstration board description
4.1
Overview
The VNI4140K demonstration board is composed of two main sections:
●
Opto-isolated interface for input and status signals
●
A four-channel self-protect power stage section with STMicroelectronics Transil™
diode protection
The demonstration board consists of a double-sided FR4 printed circuit board with 35 µm
copper plating. The PCB dimensions are 52 mm x 68 mm. The top and bottom views are
shown below.
Figure 3.
IFP006V1 top view
Figure 4.
IFP006V1 bottom view



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com