Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AN2713 Datasheet(PDF) 7 Page - STMicroelectronics

Part # AN2713
Description  LNB power supply based on the LNBH23 supply
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2713 Datasheet(HTML) 7 Page - STMicroelectronics

Back Button AN2713 Datasheet HTML 3Page - STMicroelectronics AN2713 Datasheet HTML 4Page - STMicroelectronics AN2713 Datasheet HTML 5Page - STMicroelectronics AN2713 Datasheet HTML 6Page - STMicroelectronics AN2713 Datasheet HTML 7Page - STMicroelectronics AN2713 Datasheet HTML 8Page - STMicroelectronics AN2713 Datasheet HTML 9Page - STMicroelectronics AN2713 Datasheet HTML 10Page - STMicroelectronics AN2713 Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 40 page
background image
AN2713
Block diagram description
Doc ID 14431 Rev 1
7/40
1.4
22 kHz oscillator and EXTM function
The internal 22 kHz tone generator is factory-trimmed in accordance with current standards
and can be controlled by the DSQIN pin (TTL-compatible), which allows immediate
DiSEqC™ data encoding. The rising and falling edges are kept within the 5 µs to 15 µs
range, 8 µs (typ) for 22 kHz. The duty cycle is 50% (typ), and modulates the DC output with
a 0.650 Vpp (typ) amplitude as well as the DSQIN pin.
The EXTM is a logic input to allow the activation of the 22 kHz tone output, on the VoTx pin,
by using the device’s integrated tone generator. If the EXTM pin is used, the internal 22 kHz
generator must be kept ON (TTX pin or TTX bit set HIGH). When a TTL-compatible 22 kHz
signal is applied (for example, a 22 kHz square wave from the demodulator), the EXTM
internal circuit detects the 22 kHz TTL signal code and activates the internal 22 kHz tone on
the VoTx output. The 22 kHz tone on the output is activated after a delay from the TTL signal
presence on the EXTM pin. The tone output starts with about a 1.5 T delay after the 1st
cycle of the TTL signal and stops after about a 2 T delay after the TTL signal on the EXTM
has expired (see Figure 2 below). The tone output can also be activated via the DSQIN pin.
It starts with a 1.5 T ± 25 µs maximum delay and stops after 2 T ± 25 µs maximum delay
with 20~24 kHz tolerance for EXTM input pin.
Figure 2.
EXTM timing control
1.5
Tone detector
This block provides a complete circuit to decode the 22 kHz burst code present on the
DETIN pin in a digital signal by the DSQOUT pin where an open drain MOSFET is
connected. The tone is also monitored and a dedicated bit (TMON) provides the diagnostic
function described in the Section 1.3.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com