Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AN2795 Datasheet(PDF) 3 Page - STMicroelectronics

Part # AN2795
Description  VNI4140K load test report
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2795 Datasheet(HTML) 3 Page - STMicroelectronics

  AN2795 Datasheet HTML 1Page - STMicroelectronics AN2795 Datasheet HTML 2Page - STMicroelectronics AN2795 Datasheet HTML 3Page - STMicroelectronics AN2795 Datasheet HTML 4Page - STMicroelectronics AN2795 Datasheet HTML 5Page - STMicroelectronics AN2795 Datasheet HTML 6Page - STMicroelectronics AN2795 Datasheet HTML 7Page - STMicroelectronics AN2795 Datasheet HTML 8Page - STMicroelectronics AN2795 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 28 page
background image
DocID14836 Rev 2
3/28
AN2795
Bulb load tests
1
Bulb load tests
1.1
Bulb, 10.5 V, 1 channel
Figure 2. Switching waveform (bulb, 10.5 V, 1 channel)(1)
1.
CH1: supply current, CH2: channel voltage, CH3: channel current, CH4: supply voltage.
Table 1. Test data (bulb, 10.5 V, 1 channel) (VCC = 10.5 V; load - 1 bulb; T = 25 °C)
Time [min]
Utot [V]
Itot [A]
Uch [V]
Ich [A]
Tcase [°C]
5
10.4
0.381
10.3
0.376
25.1
15
10.4
0.383
10.3
0.377
25.6
30
10.4
0.382
10.4
0.376
26.0
60
10.4
0.382
10.4
0.377
26.1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com