Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AN2507 Datasheet(PDF) 9 Page - STMicroelectronics

Part # AN2507
Description  This application note explains the design of a FLASH LED driver using the STCF03 device
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2507 Datasheet(HTML) 9 Page - STMicroelectronics

Back Button AN2507 Datasheet HTML 5Page - STMicroelectronics AN2507 Datasheet HTML 6Page - STMicroelectronics AN2507 Datasheet HTML 7Page - STMicroelectronics AN2507 Datasheet HTML 8Page - STMicroelectronics AN2507 Datasheet HTML 9Page - STMicroelectronics AN2507 Datasheet HTML 10Page - STMicroelectronics AN2507 Datasheet HTML 11Page - STMicroelectronics AN2507 Datasheet HTML 12Page - STMicroelectronics AN2507 Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 31 page
background image
AN2507
Selection of external components
9/31
The procedure to activate the NTC-feature is described in Section 5.2.
b)
Versions with an internal reference voltage for the NTC. This version requires a
different connection between the RX and NTC resistors. See Figure 2 below or
Figure 1 version B.
Figure 2.
NTC connection for versions with internal voltage reference
Note:
Versions with internal reference voltage do not support the SHUTDOWN+NTC mode,
because the internal reference voltage is off in SHUTDOWN mode.
NTC
RX
To optional A/D converter
NTC thermistor
RX resistor
STCF03
Table 1.
Recommended components
Component
Manufacturer
Part number
Value
Size
CI
TDK
C1608X5R0J106M
10 µF
0603
CO
TDK
C1608X5R0J105M
1 µF
0603
L
TDK
VLF4012AT-4R7M1R1
4.7 µH
3.7 x 3.5 x 1.2 mm
NTC
Murata
NCP21WF104J03RA
100 k
Ω
0805
RFL
Tyco
RL73K1JR27JTD
0.27
Ω
0603
RTR
Rohm
MCR01MZPJ6R20
1.8
Ω
0402
RX
Rohm
MCR01MZPJ15K
15 k
Ω
0402
LED
Luxeon LED
LXCL-PW1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com