Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AN2816 Datasheet(PDF) 7 Page - STMicroelectronics

Part # AN2816
Description  High-efficiency step-down controller
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2816 Datasheet(HTML) 7 Page - STMicroelectronics

Back Button AN2816 Datasheet HTML 3Page - STMicroelectronics AN2816 Datasheet HTML 4Page - STMicroelectronics AN2816 Datasheet HTML 5Page - STMicroelectronics AN2816 Datasheet HTML 6Page - STMicroelectronics AN2816 Datasheet HTML 7Page - STMicroelectronics AN2816 Datasheet HTML 8Page - STMicroelectronics AN2816 Datasheet HTML 9Page - STMicroelectronics AN2816 Datasheet HTML 10Page - STMicroelectronics AN2816 Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 36 page
background image
AN2816
Bill of material
7/36
3
Bill of material
Table 1.
PM6675S demonstration board bill of material
Qty Component
Description
Package
Part number
Manufacturer
Value
2
C1, C2
Ceramic, 50 V, X5R, 20%
SMD
1210
UMK325BJ106K
M-T
Taiyo Yuden
10 µF
2
C3, C4
POSCAP, 4 V,15 m
Ω, 20%
SMD
7343 (D)
4TPE220MF
Sanyo
220 µF
1
C5
Ceramic, 6.3 V, X5R, 10%
SMD
3216-12
Standard
1 µF
3
C6, C7, C11 Ceramic, 6.3 V, X5R, 10%
SMD
0805
JMK212BJ106K
G-T
Taiyo Yuden
10 µF
4
C9, C10,
C13, C14
Ceramic, 50 V, X7R, 20%
SMD
0603
Standard
100 nF
1
C12
Ceramic, 50 V, X7R, 10%
SMD
0805
Standard
100 nF
1
C15
Ceramic, 50 V, X7R, 10%
SMD
0603
Standard
6n8
1
C16
Ceramic, 50 V, X7R, 10%
SMD
0603
Standard
680 p
1C17
Ceramic, 20%
SMD
0603
Standard
N.M
1
C18
Ceramic, 50 V , X7R, 10%
SMD
0805
Standard
1 nF
2
C19, C20
Ceramic, 6.3 V, X5R, 10%
SMD
0805
JMK212BJ106K
G-T
Taiyo Yuden
N.M
2
C21, C22
Ceramic, 50 V, X7R, 10%
SMD
0603
Standard
100 pF
1
R1
Chip resistor, 0.1 W, 1%
SMD
0603
Standard
300 k
Ω
1
R2
Chip resistor, 0.1 W, 1%
SMD
0603
Standard
18 k
Ω
1
R3
Chip resistor, 0.1 W, 1%
SMD
0603
Standard
1.2 k
Ω
1
R4
Chip resistor, 0.1 W, 1%
SMD
0603
Standard
3R3
1
R6
Chip resistor, 0.1 W, 1%
SMD
0805
Standard
0
1
R7
Chip resistor, 0.1 W, 1%
SMD
0603
Standard
3R9
1
R8
Chip resistor, 0.1 W, 1%
SMD
0603
Standard
12 k
Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com