Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AN2835 Datasheet(PDF) 7 Page - STMicroelectronics

Part # AN2835
Description  This application note describes the electronic lamp ballast for 70 W high intensity discharge
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2835 Datasheet(HTML) 7 Page - STMicroelectronics

Back Button AN2835 Datasheet HTML 3Page - STMicroelectronics AN2835 Datasheet HTML 4Page - STMicroelectronics AN2835 Datasheet HTML 5Page - STMicroelectronics AN2835 Datasheet HTML 6Page - STMicroelectronics AN2835 Datasheet HTML 7Page - STMicroelectronics AN2835 Datasheet HTML 8Page - STMicroelectronics AN2835 Datasheet HTML 9Page - STMicroelectronics AN2835 Datasheet HTML 10Page - STMicroelectronics AN2835 Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 21 page
background image
AN2835
The selected solution
Doc ID 15073 Rev 1
7/21
realized by controlling the peak inductor current of the dual-buck converter. Assume the
input voltage of the buck converter is Vbi, the output voltage is Vbo, the duty cycle is D,
input peak current is Iin_pk, as the buck converter is working at a critical discontinuous
mode, and the average input current is:
Equation 1
And the duty cycle is:
Equation 2
The input power becomes:
Equation 3
Thus the relationship between the input power (Pin), input peak current (Iin_pk) and output
voltage (Vbo) is:
Equation 4
If the lamp is operating with a constant current source, once input peak current (Iin_pk) is
selected, we observe the input power (Pin) is proportional to the output voltage (Vbo).
Despite the power losses, the output power is also proportional to the output voltage.
Figure 5.
Input power, output voltage and input peak current
In Figure 5, there are three different Iin_pk curves, this helps to choose the proper input peak
current according to the different types of lamp. After warming-up, the lamp voltage
increases slowly to the minimum value of the rated power, the duty cycle increases
accordingly. And then the input peak current decreases. In order to power up the lamp in
steady-state, the circuit changes from constant current control function to constant power
control.
I
in
1
2
---I
inpk
D
⋅
=
-
D
V
bo
V
bi
---------
=
P
in
V
bi
I
in
⋅
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com