Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AN2835 Datasheet(PDF) 9 Page - STMicroelectronics

Part # AN2835
Description  This application note describes the electronic lamp ballast for 70 W high intensity discharge
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2835 Datasheet(HTML) 9 Page - STMicroelectronics

Back Button AN2835 Datasheet HTML 5Page - STMicroelectronics AN2835 Datasheet HTML 6Page - STMicroelectronics AN2835 Datasheet HTML 7Page - STMicroelectronics AN2835 Datasheet HTML 8Page - STMicroelectronics AN2835 Datasheet HTML 9Page - STMicroelectronics AN2835 Datasheet HTML 10Page - STMicroelectronics AN2835 Datasheet HTML 11Page - STMicroelectronics AN2835 Datasheet HTML 12Page - STMicroelectronics AN2835 Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 21 page
background image
AN2835
The selected solution
Doc ID 15073 Rev 1
9/21
Figure 7.
Average current sense circuit
2.3
Ignition circuit
A high voltage is required to ignite the HID lamp. The ignition voltage depends on the type of
HID lamp. For a MHL (metal halide lamp) it is about 3-5 kV. For a hot lamp re-striking needs
about 20 kV. Immediate re-ignition of a hot lamp is not advised. Therefore, a cooling down
period for hot lamps is recommended. The ignition circuit is shown in Figure 8. The pulse
transformer (T1) is used to give the ignition pulse. The LIC01 is specially designed for high
voltage pulse generation purposes. At the beginning of turn-on S, with LIC01 in off-state,
bus voltage Vdc charges to C1 through R1 until it reaches the breakdown voltage (VBO in
Figure 9) of LIC01. Once LIC01 breaksdown, C1 discharges and the crowbar current
occurs. LIC01 is latched to on-state. The LIC01 is turned off when discharging a current
lower than the holding current (IH). Then LIC01 returns to the off-state. In such a case, a
voltage pulse is generated on Lp. With the turn ratio 1:n of T1, the high voltage across C2 is
generated and remains constant for a very short time. Therefore the lamp obtains a high
voltage pulse to ignite. LIC01 returns to the off-state after C1 discharges and another
charging to C1 is restarted. After the lamp is ignited, S is turned off and there is no more
voltage pulse generation on Lp.
Figure 8.
Ignition circuit
Figure 9.
Electrical characteristics of LIC01



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com