Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AN2839 Datasheet(PDF) 14 Page - STMicroelectronics

Part # AN2839
Description  L6228 fully-integrated two-phase stepper motor driver
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2839 Datasheet(HTML) 14 Page - STMicroelectronics

Back Button AN2839 Datasheet HTML 10Page - STMicroelectronics AN2839 Datasheet HTML 11Page - STMicroelectronics AN2839 Datasheet HTML 12Page - STMicroelectronics AN2839 Datasheet HTML 13Page - STMicroelectronics AN2839 Datasheet HTML 14Page - STMicroelectronics AN2839 Datasheet HTML 15Page - STMicroelectronics AN2839 Datasheet HTML 16Page - STMicroelectronics AN2839 Datasheet HTML 17Page - STMicroelectronics AN2839 Datasheet HTML 18Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 40 page
background image
Designing an application with L6228
AN2839
14/40
Doc ID 15104 Rev 1
1.11
Programmable off time monostable
The L6228 includes a constant off time PWM current controller for each of the two bridges.
The current control circuit senses the bridge current by sensing the voltage drop across an
external sense resistor connected between the source of the two lower power MOSFET
transistors and ground, as shown in Figure 12. As the current in the motor builds up, the
voltage across the sense resistor increases proportionally. When the voltage drop across
the sense resistor becomes greater than the voltage at the reference input (VrefA or VrefB),
the sense comparator triggers the monostable, switching the bridge off. The power
MOSFETs remain off for the time set by the monostable, and the motor current recirculates
as defined by the selected decay mode, described in the next section. When the monostable
times out, the bridge will again turn on. Since the internal dead time used to prevent cross-
conduction in the bridge delays the turn-on of the power MOSFETs, the effective off time is
the sum of the monostable time plus the dead time.
Figure 12.
Simplified schematic of the PWM current controller
Figure 13 on page 15 shows the typical operating waveforms of the output current, the voltage
drop across the sensing resistor, the RC pin voltage and the status of the bridge. More
details regarding the synchronous rectification and the output stage configuration are
included in the next section.
Immediately after the power MOSFET turns on, a high peak current flows through the sensing
resistor due to the reverse recovery of the freewheeling diodes. The L6228 provides a 1 µs
blanking time, tBLANK, that inhibits the comparator output so that this current spike cannot
prematurely re-trigger the monostable.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com