Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AN2839 Datasheet(PDF) 35 Page - STMicroelectronics

Part # AN2839
Description  L6228 fully-integrated two-phase stepper motor driver
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2839 Datasheet(HTML) 35 Page - STMicroelectronics

Back Button AN2839 Datasheet HTML 31Page - STMicroelectronics AN2839 Datasheet HTML 32Page - STMicroelectronics AN2839 Datasheet HTML 33Page - STMicroelectronics AN2839 Datasheet HTML 34Page - STMicroelectronics AN2839 Datasheet HTML 35Page - STMicroelectronics AN2839 Datasheet HTML 36Page - STMicroelectronics AN2839 Datasheet HTML 37Page - STMicroelectronics AN2839 Datasheet HTML 38Page - STMicroelectronics AN2839 Datasheet HTML 39Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 40 page
background image
AN2839
Demonstration board
Doc ID 15104 Rev 1
35/40
resistive divider from an external voltage rail and GND (possibly the one supplying the µC or
the rest of the application).
Otherwise, a very simple way to obtain a variable voltage without using a DAC is to low-pass
filter a PWM output of a µC.
The input lines CW/CCW, control, half/full, EN and reset are connected to ground through a
pull-down resistor which sets as default the low logic level on these lines. An external signal
can be applied to change each input status.
D1, C1 and C4 make up a charge-pump circuit, which generates the supply voltage for the
high-side integrated MOSFETs. Due to voltage and current switching at relatively high
frequencies, these components are connected together through short paths in order to
minimize induced noise on other circuitries.
R1 and C5 are used by the overcurrent protection’s integrated circuitry (the disable time
tDISABLE is about 200 µs and delay time tDELAY about 1 µs with the values in Table 4).
R6, C6 and R7, C7 are used to set the off time tOFF of the two PWM channels at about
50 µs. The off time should be adjusted according to the motor’s electrical characteristics and
supply voltage by changing the R6, C6 and R7, C7 values.
R11, R12, C8 and R13, R14, C9 are low-pass filters used to provide an external reference
voltage through a PWM output of a µC.
Figure 39 and Figure 41 show the components’ placement and the two layers of the
EVAL6228QR reference design board. A GND area has been used to improve the IC’s
power dissipation.
Figure 39.
EVAL6228QR component placement



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com