Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AN2852 Datasheet(PDF) 7 Page - STMicroelectronics

Part # AN2852
Description  This document describes the characteristics and performance of a 90 W wide range input
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2852 Datasheet(HTML) 7 Page - STMicroelectronics

Back Button AN2852 Datasheet HTML 3Page - STMicroelectronics AN2852 Datasheet HTML 4Page - STMicroelectronics AN2852 Datasheet HTML 5Page - STMicroelectronics AN2852 Datasheet HTML 6Page - STMicroelectronics AN2852 Datasheet HTML 7Page - STMicroelectronics AN2852 Datasheet HTML 8Page - STMicroelectronics AN2852 Datasheet HTML 9Page - STMicroelectronics AN2852 Datasheet HTML 10Page - STMicroelectronics AN2852 Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 35 page
background image
AN2852
Operating waveforms
7/35
2
Operating waveforms
2.1
Asymmetrical half-bridge (AHB) typical waveforms
As mentioned before, this application note focuses on the AHB stage. This DC-DC converter
has the 400 V PFC bus as input and delivers 12 V at the output.
In Figure 3 the primary side key waveforms with full load applied are shown. Figure 4 shows
the detail of the two transitions during one switching cycle. When the LVG signal goes down,
the current is negative and so the half-bridge node (that has a certain capacitance value due
to the Coss of the MOSFETs and the stray capacitance of the circuit) is charged up to 400 V.
After the deadtime has elapsed the high-side driver is turned on with zero volts across the
high-side MOSFET drain-source pins. The driver activation is visible on the HVG signal
when there is the small voltage step on the high part of the waveform.
When the high-side driver is turned off, the primary current is positive, so the half-bridge
node is discharged down to zero volts and the body diode of Q4 is activated. After the
deadtime the LVG turns on in ZVS condition.
Figure 3.
AHB primary side key waveforms at full load
Typically, in the AHB topology, the most critical transition is the one between LVG turn-off
and HVG turn-on. In fact it is visible that the current available to move the half-bridge point is
less with respect to the other transition. This is due to the magnetizing current that is not
symmetrical with an average value of zero amps but has a certain offset due to the
asymmetrical driving of the tank circuit.
The fast current variation during transitions is due to the reversal of the current direction in
the secondary windings. The effort in this design was to maintain a negative current after
AM01818v1
Ch1: LVG pin voltage (yellow)
Ch3: HVG pin voltage (purple)
Ch4: primary winding current (green)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com