Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AN2852 Datasheet(PDF) 5 Page - STMicroelectronics

Part # AN2852
Description  This document describes the characteristics and performance of a 90 W wide range input
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2852 Datasheet(HTML) 5 Page - STMicroelectronics

  AN2852 Datasheet HTML 1Page - STMicroelectronics AN2852 Datasheet HTML 2Page - STMicroelectronics AN2852 Datasheet HTML 3Page - STMicroelectronics AN2852 Datasheet HTML 4Page - STMicroelectronics AN2852 Datasheet HTML 5Page - STMicroelectronics AN2852 Datasheet HTML 6Page - STMicroelectronics AN2852 Datasheet HTML 7Page - STMicroelectronics AN2852 Datasheet HTML 8Page - STMicroelectronics AN2852 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 35 page
background image
AN2852
Main characteristics and circuit description
5/35
bus and D is the duty cycle. For stability reasons related to the topology, the IC limits the
maximum duty cycle at 50%. The current in the primary tank circuit is read by the controller
thanks to the sense resistors R81 and R82. The self supply is basically obtained thanks to
an auxiliary winding on the AHB transformer. A small charge pump on the auxiliary windings
of the PFC inductor helps during the startup phase. A pin dedicated to startup sequencing, a
spare latched protection (dedicated here to output overvoltage protection), the soft-start
function, the overload protection, an interface with the PFC controller and the integrated
high-voltage startup generator complete the features of the L6591. All the functions and
protections are detailed in the following sections.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com