Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AN2870 Datasheet(PDF) 4 Page - STMicroelectronics

Part # AN2870
Description  L6585DE combo IC
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2870 Datasheet(HTML) 4 Page - STMicroelectronics

  AN2870 Datasheet HTML 1Page - STMicroelectronics AN2870 Datasheet HTML 2Page - STMicroelectronics AN2870 Datasheet HTML 3Page - STMicroelectronics AN2870 Datasheet HTML 4Page - STMicroelectronics AN2870 Datasheet HTML 5Page - STMicroelectronics AN2870 Datasheet HTML 6Page - STMicroelectronics AN2870 Datasheet HTML 7Page - STMicroelectronics AN2870 Datasheet HTML 8Page - STMicroelectronics AN2870 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 41 page
background image
Introduction
AN2870
4/41
1
Introduction
1.1
Typical configuration
Typical fluorescent lamp electronic ballasts are composed by (Figure 1):
●
An input PFC section, if input power is greater than 25 W, usually a TM PFC converter,
that generates a DC output voltage and absorbs power from mains with very high
Power Factor (typically 0.95 or grater) and very low THD (mandatory less than 10%).
●
A high frequency half bridge driver, fed by the PFC output, with internal or external
oscillator, a timer and various protections in order to drive correctly the lamp, to avoid to
deliver an excessive power to the lamp and to detect any malfunction of the lamp
(broken lamp, broken cathode or lamp absence)
●
An output resonant stage, realized by reactive components (capacitors and inductors),
that, together with the half bridge driver, optimizes the power delivered to the lamp (one
or more) during all working conditions (preheating, ignition and run mode).
1.2
Lamp requirements
Fluorescent lamp, during its normal operation, has to be supplied by means of alternative
and controlled current. In order to reduce the size of the ballast and increase the light
efficiency of the lamp a frequency greater than 20 kHz is typically used. A half bridge quasi
resonant inverter (series-parallel converter Figure 1) is used to obtain sinusoidal current into
the lamp and to reduce the power dissipation of the half bridge switches, in fact zero voltage
switching is achieved.
Lamp current and lamp voltage during normal operation are reported in lamp documentation
and are to be considered as design specification. Moreover, a well preheated lamp ignites at
a lower voltage; this implies a longer lamp life and a greater number of ignitions. The
efficiency of the preheating is mainly related with the total energy delivered to the cathode
(reported on lamp documentation), and then it depends on the time available for this
operation: keeping constant the preheating energy, longer is the preheating time, smaller is
the instantaneous power delivered to the cathode. During the preheating operation the
voltage across the lamp must be kept below a specified value in order to avoid unwanted
ignitions (when these happen, the lamp experiences multiple re-strike and dissipates large
amounts of power).
There are many ways to deliver power to the cathode, but the most used are two:
1.
Current controlled preheating: the cathodes are interposed between the choke and the
resonant capacitor so they experience the same current of the resonant LC circuitry. An
efficient preheating is obtained controlling this current and the time of preheating. The
advantages of this method are the cheapness and easiness of design; it has also some
disadvantages, namely the difficulty of keeping low the lamp voltage during preheating
and the fact that during steady state the cathode experiences the sum of the lamp
current and of the resonant capacitor current.
2.
Voltage controlled preheating: the current into the cathodes is generated by auxiliary
windings coupled with ballast choke or driven by an auxiliary oscillator. This implies
that, in any case, the design of the preheating circuitry is somewhat independent from
the design of the LC circuitry, even if it requires a lot of external components. This
method is then more efficient, but is cheaper and more difficult to design.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com