Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AN2870 Datasheet(PDF) 5 Page - STMicroelectronics

Part # AN2870
Description  L6585DE combo IC
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2870 Datasheet(HTML) 5 Page - STMicroelectronics

  AN2870 Datasheet HTML 1Page - STMicroelectronics AN2870 Datasheet HTML 2Page - STMicroelectronics AN2870 Datasheet HTML 3Page - STMicroelectronics AN2870 Datasheet HTML 4Page - STMicroelectronics AN2870 Datasheet HTML 5Page - STMicroelectronics AN2870 Datasheet HTML 6Page - STMicroelectronics AN2870 Datasheet HTML 7Page - STMicroelectronics AN2870 Datasheet HTML 8Page - STMicroelectronics AN2870 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 41 page
background image
AN2870
Introduction
5/41
After a good preheating, the voltage across the lamp is suddenly increased in order to
generate a strike inside the tube and ignite the lamp. This phase should last between 10 ms
and 100 ms.
The strike voltage depends on various parameters, many of which cannot be exactly
evaluated: preheating energy, remaining lamp life, number and efficiency of the past
ignitions. An insufficient preheating causes greater ignition voltage and a subsequent stress
of the cathodes that lose small amounts of material that darken the region of the tube near
to the cathode itself (sputtering).
Lamp ageing is related with the symmetrical or, more often, asymmetrical increasing of the
cathodes resistance. A symmetrically aged lamp absorbs more power causing hard
switching and over-current. Asymmetrically aged lamps experience a current that is more
intense in one direction than in the other. This implies that the current flowing into the lamp
has positive or negative mean value (DC component). This effect can be detected
measuring the mean values of the lamp voltage that should be zero in normal lamps. The
worst case of rectifying effect causes the current flowing only in one direction: the voltage
across the resonant capacitor can reach very high values and heavy hard switching is
detected.
When symmetrical or asymmetrical ageing of the lamp reaches a value indicated in
international norms, the lamp reaches its end of life (EOL).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com