Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AN2928 Datasheet(PDF) 9 Page - STMicroelectronics

Part # AN2928
Description  Modified buck converter for LED applications
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2928 Datasheet(HTML) 9 Page - STMicroelectronics

Back Button AN2928 Datasheet HTML 5Page - STMicroelectronics AN2928 Datasheet HTML 6Page - STMicroelectronics AN2928 Datasheet HTML 7Page - STMicroelectronics AN2928 Datasheet HTML 8Page - STMicroelectronics AN2928 Datasheet HTML 9Page - STMicroelectronics AN2928 Datasheet HTML 10Page - STMicroelectronics AN2928 Datasheet HTML 11Page - STMicroelectronics AN2928 Datasheet HTML 12Page - STMicroelectronics AN2928 Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 21 page
background image
AN2928
Design equations for the modified buck converter
9/21
VZCD = voltage on the ZCD pin of the L6562A (V)
VZCD_CLAMP = clamp voltage on the ZCD pin of the L6562A (V)
VZCD_TRIGGER = trigger voltage on the ZCD pin of the L6562A (V)
Capacitor C4 can be selected, and the resistor is easily calculated using Equation 14, or the
inverse can be calculated with Equation 15.
Equation 14
Equation 15
Resistor R5 (shown in Figure 2) is designed to limit the charge current flowing to capacitor
C4 during the tON time, and must be within the following range (as described in application
note AN1792. See Section 3: Reference and related materials).
Equation 16
VF = diode D2 forward voltage (V) (typically 0.7 V)
VZCD_CLAMP = clamp voltage on the ZCD pin of L6562A (V) (5.7 V)
VGD_MAX = output high - maximum gate driver voltage (V) (15 V)
VGD_MIN = output high - minimum gate driver voltage (V) (9.8 V)
IZCD_MAX = maximum sink capability for the ZCD pin (A) (0.01 A)
If the tON time is very short (light load or low output voltage), then capacitor C4 cannot be
quickly charged via resistor R5. Therefore it is recommended to connect capacitor C3 in
parallel with resistor R5. The maximum size of capacitor C3 can be calculated with the
following equation:
Equation 17
R
4
t
OFF
2.1
C
4
⋅
----------------------
=
C
4
t
OFF
2.1
R
4
⋅
----------------------
=
V
GD MAX
V
ZCD C LAMP
–
V
F
–
l
ZCD M AX
V
ZCD C LAMP
R
4
-----------------------------------
+
-------------------------------------------------------------------------------
R
5
R
4
V
GD MIN
V
ZC D CLAMP
–
V
F
–
V
ZCD CL AM P
------------------------------------------------------------------------------
⎝⎠
⎜⎟
⎜⎟
⎛⎞
⋅
<<
C
3
C
4
V
ZCD CL AM P
V
GD M AX
V
ZCD C LAMP
–
V
F
–
()
------------------------------------------------------------------------------------
<



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com