Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AN2928 Datasheet(PDF) 4 Page - STMicroelectronics

Part # AN2928
Description  Modified buck converter for LED applications
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2928 Datasheet(HTML) 4 Page - STMicroelectronics

  AN2928 Datasheet HTML 1Page - STMicroelectronics AN2928 Datasheet HTML 2Page - STMicroelectronics AN2928 Datasheet HTML 3Page - STMicroelectronics AN2928 Datasheet HTML 4Page - STMicroelectronics AN2928 Datasheet HTML 5Page - STMicroelectronics AN2928 Datasheet HTML 6Page - STMicroelectronics AN2928 Datasheet HTML 7Page - STMicroelectronics AN2928 Datasheet HTML 8Page - STMicroelectronics AN2928 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 21 page
background image
Modified buck converter in constant current mode
AN2928
4/21
1
Modified buck converter in constant current mode
As stated in the introduction, the aim of this application note is to describe a modified buck
converter working in FOT and CCM. The basic principle of the design using the L6562A
controller is shown in Figure 1 and Figure 2. Figure 1 represents the stage when the power
MOSFET Q1 is turned on. As shown by the red arrow, the current flows from the DC voltage
input (VIN) through the load (LEDs), the inductor (L), the power MOSFET Q1 and the
sensing resistor. Capacitor C4 is charged via diode D2 and resistor R5, since the transistor
Q1 is open and its gate voltage is around 10 V. During the tON time, the load current
increases and stops as soon as the voltage on the current sense resistor reaches the
internal threshold on the CS pin of the L6562A. The current sense of the L6562A is clamped
at 1.08 V (typ). Figure 2 shows the tOFF time, when the power MOSFET is switched off. The
inductor keeps the current flowing in the same direction and the circuit is closed through
diode D1. The load current is decreasing and the minimum current is set by the fixed off-time
network (tOFF time is always constant), because capacitor C4 is discharged to the resistor
R4. The voltage on capacitor C4 is connected to the ZCD (zero current detector) pin of the
L6562A. As soon as the capacitor is discharged and its voltage falls below 0.7 V (the ZCD
threshold), the L6562A switches the power MOSFET again and the load current is
increased. This process repeats cycle-by-cycle, as shown in the timing diagrams in Figure 1
and Figure 2.
Figure 1.
Modified buck converter - tON time
I_MAX
I_AVR
I_MIN
GND
COMP
CS
INV
VIN
LEDs
load
VC
Fixed off-time
network
D1
Q1
R1
C1
D2
L
R2
R3
RS
R4
R5
C2
C3
t
I LED
FOT
FOT
tOFF
tON
tON tOFF
C4
FOT- fixed off-time
t
tON
-
MULT
L6562A
GD
VCC
ZCD
t
-
AM00366



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com