Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AN2934 Datasheet(PDF) 9 Page - STMicroelectronics

Part # AN2934
Description  The new VIPer17 device is a converter that offers a PWM controller built in BCD6
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2934 Datasheet(HTML) 9 Page - STMicroelectronics

Back Button AN2934 Datasheet HTML 5Page - STMicroelectronics AN2934 Datasheet HTML 6Page - STMicroelectronics AN2934 Datasheet HTML 7Page - STMicroelectronics AN2934 Datasheet HTML 8Page - STMicroelectronics AN2934 Datasheet HTML 9Page - STMicroelectronics AN2934 Datasheet HTML 10Page - STMicroelectronics AN2934 Datasheet HTML 11Page - STMicroelectronics AN2934 Datasheet HTML 12Page - STMicroelectronics AN2934 Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 27 page
background image
AN2934
Bill of materials
Doc ID 15394 Rev 1
9/27
R8
2.49 k
Ω
1%
SM 0805
R9
2.49 k
Ω
1%
SM 0805
R10
82 k
Ω
SM 0805
R12
8.2 k
Ω
SM 0805
R13
220
Ω
SM 0805
R14
180 k
Ω
SM 0805
T1
CSM16VT-070
Cramer Coil VSM16VT-070
U1
VIPer17HN
STMicroelectronics
U2
TS2431
STMicroelectronics
W1
Val
0805 jumper
P3
Shorting strap
Sullins STC02SYAN
Table 3.
Bill of materials for dual output, 5 V at 0.5 A and 12 V at 0.25 A (continued)
Ref.
Part
Volt/Watt
Description
CAT #
Table 4.
Bill of materials for single output, 12 V at 0.5 A
Ref
Part
Volt/Watt
Description
CAT #
BR1
Bridge
C1
0.1 µ
P4610
C3
22 µF
400 V
105C
CompoStar LTech TYD2DM220J20o
C4
22 µF
25 V
GP
Panasonic EET-HC2G561Da
C6
3.3 nF
SM 0805
C7
33 nF
SM0805
C8
2.2 nF
Y1
Panasonic ECK-ANA222ME
C9
470 µF
25 V
Low ESR
Panasonic EEU-FC1E471
C10
100 µF
25 V
GP
Panasonic EEU-FC1E101S
C11
33 nF
50 V
SM 0805
C12
0.001 µF
50 V
SM 0805
D1
1N4148
100 V
SOD123
Diodes Inc 1N4148W-7
D2
1N4148
100 V
TH
Fairchild 1N4148
D4
STPS2H100APKC-
136
STMicroelectronics
D7
500 mA
STMicroelectronics
F1
CON2
Wickmann USA Inc 372040004411
J1
CON2
2 position
Phoenix contact 1729018
J2
Jumper
2 position
Phoenix contact 1729018
J3
470 µH
L1
470 µH



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com