Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AN2934 Datasheet(PDF) 5 Page - STMicroelectronics

Part # AN2934
Description  The new VIPer17 device is a converter that offers a PWM controller built in BCD6
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2934 Datasheet(HTML) 5 Page - STMicroelectronics

  AN2934 Datasheet HTML 1Page - STMicroelectronics AN2934 Datasheet HTML 2Page - STMicroelectronics AN2934 Datasheet HTML 3Page - STMicroelectronics AN2934 Datasheet HTML 4Page - STMicroelectronics AN2934 Datasheet HTML 5Page - STMicroelectronics AN2934 Datasheet HTML 6Page - STMicroelectronics AN2934 Datasheet HTML 7Page - STMicroelectronics AN2934 Datasheet HTML 8Page - STMicroelectronics AN2934 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 27 page
background image
AN2934
Circuit description
Doc ID 15394 Rev 1
5/27
1
Circuit description
The VIPer17 has two switching frequencies: the VIPer17HN switches at 115 kHz and the
VIPer17LN at 60 kHz. The choice of frequency is left up to the designer. The "HN" version
makes the transformer smaller, whereas the "LN" version makes it easier to optimize EMI.
This document focuses on the VIPer17HN, switching at 115 Hz. The following description
refers to the circuit shown in Figure 1. The board has been designed so that it can be used
with either single or double outputs, the only difference being the extra output parts, the
transformer and the voltage divider for the feedback loop. For the board’s operation, we have
taken as example the dual output. The input is connected to the line input, which operates
from 85 to 264 Vac. It is fused for safety and has 6.8 ohms ¼ W. A carbon resistor is better
for inrush than carbon or metal film. If a surge is required, a 2 to 3 W wire-wound resistor
should be used to pass the 6 kV ring wave test. C1 is a 0.1 µf X capacitor and L1 forms an
EMI filter to reduce line-conducted emissions. BR1 is a bridge rectifier and the C3 filter is the
input line to a DC level.
The topology used is of a discontinuous flyback type with an isolated output. The regulation
comes from the output (as opposed to a stable TL431, which uses an optocoupler for
isolation) to feed the information back to the VIPer17HN.
Table 1.
Dual output board specifications
Parameter
Limits
Input voltage range
85 Vac to 264 Vac
Input frequency
47 Hz to 63 Hz
Temperature range
0° to 85° Celsius, 105°C possible
Output voltage and current # 1
5 V at 0.5 A
Output voltage and current # 2
12 V at 0.25 A
Load and cross regulation #1
+/-1%
Load and cross regulation #2
+/-10%
Output power
5.5 W
Line regulation
+/- 0.2%
Efficiency
80% typical at 12 V output
Safety
Overvoltage, overcurrent, brownout
EMI
EN55022 Class “B”
Table 2.
Single output board specifications
Parameter
Limits
Output voltage and current
12 V at 0.5 A, 6 W
Load regulation
+/- 1%



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com