Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AN2961 Datasheet(PDF) 7 Page - STMicroelectronics

Part # AN2961
Description  STEVAL-ILL026V1 non-isolated 3 W offline LED driver based on the VIPER22A-E
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2961 Datasheet(HTML) 7 Page - STMicroelectronics

Back Button AN2961 Datasheet HTML 3Page - STMicroelectronics AN2961 Datasheet HTML 4Page - STMicroelectronics AN2961 Datasheet HTML 5Page - STMicroelectronics AN2961 Datasheet HTML 6Page - STMicroelectronics AN2961 Datasheet HTML 7Page - STMicroelectronics AN2961 Datasheet HTML 8Page - STMicroelectronics AN2961 Datasheet HTML 9Page - STMicroelectronics AN2961 Datasheet HTML 10Page - STMicroelectronics AN2961 Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
AN2961
Circuit description
Doc ID 15559 Rev 1
7/14
4
Circuit description
The demonstration board is based on a non-isolated buck converter designed and
implemented with STMicroelectronics’ VIPER22A-E low power offline SMPS primary
switcher.
AC input section
The input section for AC voltage is composed of a fuse resistor R7, a bridge rectifier D3 and,
in order to reduce the conduced EMI, an input filter consisting of C7, L1 and C3.
Buck converter
The buck converter is based on the VIPER22A-E, which integrates a power MOSFET with
the logic parts, and is composed of the VIPER22A-E device, freewheeling diode D4, main
inductor L2, and a circuit to supply the VIPER22A-E composed of a D2 diode and C1
capacitor.
The buck converter works in continuous conduction mode with a frequency of 60 kHz.
Constant current circuit
Current feedback is provided by sensing the voltage drop across R5. This voltage is filtered
by R4 and C6. When the voltage drop exceeds the VBE of the NPN transistor, both Q2 and
Q1 turn on, adding additional current on the FB pin of the VIPER22A-E, and causing the
device to switch off.
In this way the average inductor current is controlled simply and accurately. Capacitor C5 is
the filter for the output current.
Resistor R6 provides a minimum load to ensure correct operation at zero load.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com