Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AN2961 Datasheet(PDF) 3 Page - STMicroelectronics

Part # AN2961
Description  STEVAL-ILL026V1 non-isolated 3 W offline LED driver based on the VIPER22A-E
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2961 Datasheet(HTML) 3 Page - STMicroelectronics

  AN2961 Datasheet HTML 1Page - STMicroelectronics AN2961 Datasheet HTML 2Page - STMicroelectronics AN2961 Datasheet HTML 3Page - STMicroelectronics AN2961 Datasheet HTML 4Page - STMicroelectronics AN2961 Datasheet HTML 5Page - STMicroelectronics AN2961 Datasheet HTML 6Page - STMicroelectronics AN2961 Datasheet HTML 7Page - STMicroelectronics AN2961 Datasheet HTML 8Page - STMicroelectronics AN2961 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
AN2961
List of figures
Doc ID 15559 Rev 1
3/14
List of figures
Figure 1.
STEVAL-ILL026V1 board photographs . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 1
Figure 2.
STEVAL-ILL026V1 schematic diagram . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 6
Figure 3.
VIPER22A-E startup . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 8
Figure 4.
110 V steady state operation . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 8
Figure 5.
LED current regulation vs. input voltage . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 9
Figure 6.
Board efficiency vs. input voltage . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 10
Figure 7.
Conducted emissions at 230 VAC 50 Hz - line 1 peak detector . . . . . . . . . . . . . . . . . . . . . 11
Figure 8.
Conducted emissions at 230 VAC 50 Hz - line 2 peak detector . . . . . . . . . . . . . . . . . . . . . 11



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com