Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AN2985 Datasheet(PDF) 6 Page - STMicroelectronics

Part # AN2985
Description  The STEVAL-IFP010V3 demonstration board has been developed
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2985 Datasheet(HTML) 6 Page - STMicroelectronics

Back Button AN2985 Datasheet HTML 2Page - STMicroelectronics AN2985 Datasheet HTML 3Page - STMicroelectronics AN2985 Datasheet HTML 4Page - STMicroelectronics AN2985 Datasheet HTML 5Page - STMicroelectronics AN2985 Datasheet HTML 6Page - STMicroelectronics AN2985 Datasheet HTML 7Page - STMicroelectronics AN2985 Datasheet HTML 8Page - STMicroelectronics AN2985 Datasheet HTML 9Page - STMicroelectronics AN2985 Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 19 page
background image
STEVAL-IFP010V3 demonstration board
AN2985
6/19
Doc ID 15716 Rev 2
●
Open load in off state and short to Vcc detection
●
Open drain diagnostic outputs
●
3.3 V CMOS/TTL compatible inputs
●
Fast demagnetization of inductive loads
●
Conforms to IEC 61131-2
Figure 2.
Block diagram
Active current limitation avoids that the system power supply drops in case of a shorted
load. In overload condition, the channel turns off and back on automatically after the IC
temperatures decreases below a threshold set by a temperature hysteresis so that junction
temperature is controlled.
If this condition makes the case temperature reach the case temperature limit (TCSD),
overloaded channels are turned off (i.e. the channels for which junction temperature has
exceeded the junction protection threshold, TjSD, and has not fallen below the junction
protection reset threshold, TjR). These channels restart, non-simultaneously, only when the
case temperature decreases below the case protection reset threshold (TCR). Non-
overloaded channels continue to operate normally.
The open drain diagnostic outputs indicate related channel overtemperature conditions.
1.4
Electrical characteristics
The electrical characteristics of the VNI2140J demonstration board (STEVAL-IFP010V3)
are given in
Table 1.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com