Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AN2985 Datasheet(PDF) 1 Page - STMicroelectronics

Part # AN2985
Description  The STEVAL-IFP010V3 demonstration board has been developed
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2985 Datasheet(HTML) 1 Page - STMicroelectronics

  AN2985 Datasheet HTML 1Page - STMicroelectronics AN2985 Datasheet HTML 2Page - STMicroelectronics AN2985 Datasheet HTML 3Page - STMicroelectronics AN2985 Datasheet HTML 4Page - STMicroelectronics AN2985 Datasheet HTML 5Page - STMicroelectronics AN2985 Datasheet HTML 6Page - STMicroelectronics AN2985 Datasheet HTML 7Page - STMicroelectronics AN2985 Datasheet HTML 8Page - STMicroelectronics AN2985 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 19 page
background image
November 2012
Doc ID 15716 Rev 2
1/19
AN2985
Application note
STEVAL-IFP010V3: designing with VNI2140J dual high-side
smart power solid-state relay IC
Introduction
The STEVAL-IFP010V3 demonstration board has been developed to show the VNI2140J
device functionalities within industrial applications such as PLCs (programmable logic
controllers) which drive lamps, valves, relays, and similar loads.
This tool allows evaluating VNI2140J features, in particular embedded self-protection,
power-handling capabilities, operation and diagnostic feedback, thermal behavior and
conformity to EMC immunity standards.
Figure 1.
STEVAL-IFP010V3
A double-sided PCB allows obtaining the best trade-off between a routing solution and
thermal management results.
The main features of the demonstration board are:
●
Two output channels (2 x 1 A)
●
Two input channels
●
Two feedback channels for fault and open load diagnostics
●
Bidirectional opto-isolated interface for MCU safe connection
●
TTL/CMOS compatible signals for MCU direct connection
●
LEDs to indicate outputs
●
Compliance to IEC61000-4-4 and IEC61000-4-5 standards
●
Compatibility with existing STMicroelectronics tools (IBU communication board,
CANIC10, for example) 10.5 V to 36 V DC power supply voltage range demonstration
board description
www.st.com


Similar Part No. - AN2985

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
AN2982 STMICROELECTRONICS-AN2982 Datasheet
1Mb / 31P
This application note describes the STEVAL-ILB005V2 demonstration board equipped with the L6585DE lighting controller
15-Mar-2010
AN2983 STMICROELECTRONICS-AN2983 Datasheet
1Mb / 32P
Constant current inverse buck LED driver using L6562A
16-Dec-2009
AN2984 STMICROELECTRONICS-AN2984 Datasheet
224Kb / 8P
Minimizing the SET-related effects
23-Jun-2010
AN2986 STMICROELECTRONICS-AN2986 Datasheet
343Kb / 18P
This document focuses on the calculation
15-Jul-2009
AN2989 STMICROELECTRONICS-AN2989 Datasheet
470Kb / 28P
high performance ultra low-power 3-axis accelerometer
24-Jun-2009
More results

Similar Description - AN2985

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
AN3412 STMICROELECTRONICS-AN3412 Datasheet
1,023Kb / 15P
The STEVAL-CCA028V1 is a demonstration board designed
15-Jun-2011
AN3095 STMICROELECTRONICS-AN3095 Datasheet
3Mb / 55P
The STEVAL-ISV002V2 demonstration board is the same
08-Nov-2012
AN4111 STMICROELECTRONICS-AN4111 Datasheet
1Mb / 17P
The STEVAL-ILL044V1 demonstration board showcases
28-Jun-2013
AN991 STMICROELECTRONICS-AN991 Datasheet
48Kb / 3P
The application has been developed to supply two 18W fluorescent lamps
Jun-2002
AN2684 STMICROELECTRONICS-AN2684 Datasheet
769Kb / 21P
The STEVAL-IFP006V1 demonstration board has been developed
20-May-2009
AN4009 STMICROELECTRONICS-AN4009 Datasheet
1Mb / 23P
The STEVAL-IFP019V1 demonstration board has been developed
10-Jan-2012
AN4460 STMICROELECTRONICS-AN4460 Datasheet
1Mb / 54P
The STEVAL-ILL057V1 demonstration board is a complete
17-Apr-2014
UM1477 STMICROELECTRONICS-UM1477 Datasheet
1,013Kb / 22P
The STEVAL-IFN004V1 is a demonstration board based
21-Dec-2011
AN4127 STMICROELECTRONICS-AN4127 Datasheet
1Mb / 27P
This document describes the STEVAL-SPBT3ATV3 demonstration board
21-Jun-2012
AN4128 STMICROELECTRONICS-AN4128 Datasheet
1Mb / 28P
This document describes the STEVAL-SPBT4ATV3 demonstration board
21-Jun-2012
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com