Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AN3032 Datasheet(PDF) 7 Page - STMicroelectronics

Part # AN3032
Description  This application note describes a demonstration board able to drive
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3032 Datasheet(HTML) 7 Page - STMicroelectronics

Back Button AN3032 Datasheet HTML 3Page - STMicroelectronics AN3032 Datasheet HTML 4Page - STMicroelectronics AN3032 Datasheet HTML 5Page - STMicroelectronics AN3032 Datasheet HTML 6Page - STMicroelectronics AN3032 Datasheet HTML 7Page - STMicroelectronics AN3032 Datasheet HTML 8Page - STMicroelectronics AN3032 Datasheet HTML 9Page - STMicroelectronics AN3032 Datasheet HTML 10Page - STMicroelectronics AN3032 Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 26 page
background image
AN3032
Ballast design
Doc ID 16165 Rev 2
7/26
3
Ballast design
This section describes the main components of the circuit.
3.1
L6585DE pin-by-pin biasing circuitry
Designed in a high-voltage BCD offline technology, the L6585DE embeds a PFC controller,
a half-bridge controller, the relevant drivers and the logic necessary to build an electronic
ballast.
●
Pin1 OSC is one of the two oscillator inputs. The value of the capacitor connected to
ground defines the half-bridge switching frequency in each operating state. C5 is set to
1 nF.
●
Pin2 RF: the choice of component and oscillator capacitance defines the half-bridge
switching frequency in each operating state. A resistor R14 connected to ground sets
the run frequency, while during the preheating phase the switching frequency is set by
the parallel of the above resistance with the R13 resistor connected between the RF
and EOI pins (the EOI pin is pulled to ground during preheating).
With the following frequencies and ignition time:
R14 can be calculated with the following formula.
Equation 1
The value of R13 is therefore given by:
Equation 2
●
Pin3 EOI is a multi-function pin. During preheating, the pin is internally shorted to
ground by the logic, so the resistor (Rpre//Rrun) connected between the RF pin and
ground sets the preheating switching frequency. During ignition it goes into a high
impedance state: the ignition time is the time necessary for the pin voltage to -
exponentially - rise from zero to 1.9 V. The growth is steered by the C6*R13 time
constant; since the value of R13 has already been calculated and tign at the start is
fixed, C6 is calculated with the following formula.
Equation 3
Three capacitors in parallel have been mounted to obtain this value
(C6 = 220//150//22 nF).
kHz
40
frun =
kHz
65
f
pre =
ms
60
tign =
() 581
.
0
5
C
33
.
1
1
e
−
=
() 872
.
0
5
3
C
10
6
.
499
k
⋅
=
Ω
=
⎟⎟
⎠
⎞
⎜⎜
⎝
⎛
=
k
33
f
k
R
e
/
1
run
14
Ω
=
⇒
⎟
⎟
⎠
⎞
⎜
⎜
⎝
⎛
=
k
51
R
f
k
R
//
R
13
e
/
1
pre
14
13
nF
392
R
3
t
C
13
ign
6
=
⋅
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com