Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AN3032 Datasheet(PDF) 9 Page - STMicroelectronics

Part # AN3032
Description  This application note describes a demonstration board able to drive
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3032 Datasheet(HTML) 9 Page - STMicroelectronics

Back Button AN3032 Datasheet HTML 5Page - STMicroelectronics AN3032 Datasheet HTML 6Page - STMicroelectronics AN3032 Datasheet HTML 7Page - STMicroelectronics AN3032 Datasheet HTML 8Page - STMicroelectronics AN3032 Datasheet HTML 9Page - STMicroelectronics AN3032 Datasheet HTML 10Page - STMicroelectronics AN3032 Datasheet HTML 11Page - STMicroelectronics AN3032 Datasheet HTML 12Page - STMicroelectronics AN3032 Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 26 page
background image
AN3032
Ballast design
Doc ID 16165 Rev 2
9/26
Figure 7.
EOL circuit for first lamp
The same design procedure can be used for the EOL circuit of the second series
lamp.
●
Pin7 CTR is a multi-function pin (PFC overvoltage, feedback disconnection, reference
for EOL in case of tracking reads), connected through a resistive divider to the PFC
output bus. By establishing a maximum PFC overvoltage (PFC output overshoot, for
example, at start-up) VOVPBUSpfc of 480 V and considering that the corresponding
threshold on the CTR pin (VthrCTR ) must be 3.4 V, R7+R12 can be calculated as
1.82 M
Ω and R
19 as 13 kΩ.
●
Pin8 MULT: first, the maximum peak value for VMULT, VMULTmax is selected. This value,
which is reached at the maximum mains voltage, should be 3 V (linearity limit) or nearly
so in wide-range mains and less in case of single mains. The PFC sense resistor
selected is RS = R22 = 0.100 Ω and is described in the section on Pin12. Considering
that the maximum slope of the multiplier (maxslope) is 0.75, it is possible to calculate
the maximum peak value occurring at the maximum mains voltage and the multiplier
divider
ε.
Equation 7
Supposing there is a 150 µA current flowing into the divider, the value of the lower resistor
R17 can be calculated, and then the value of the upper resistance R5+R9.
Equation 8
97
.
1
V
V
slope
max
R
PF
V
P
2
2
V
V
slope
max
R
I
V
min
AC
max
AC
22
min
in
out
min
AC
max
AC
22
Lpk
max
MULT
=
⋅
⋅
⋅
⋅
η
⋅
⋅
=
⋅
⋅
=
()
3
max
AC
max
MULT
9
5
17
17
10
28
.
5
265
2
97
.
1
V
2
V
R
R
R
R
−
⋅
=
⋅
=
⋅
=
+
+
=
ε
Ω
=
+
⇒
Ω
=
⋅
ε
ε
−
=
+
Ω
=
μ
=
M
2
R
R
M
44
.
2
R
1
R
R
k
13
A
150
V
R
9
5
17
9
5
max
MULT
17



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com