Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AN3040 Datasheet(PDF) 3 Page - STMicroelectronics

Part # AN3040
Description  This application note describes a demonstration board able to drive
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3040 Datasheet(HTML) 3 Page - STMicroelectronics

  AN3040 Datasheet HTML 1Page - STMicroelectronics AN3040 Datasheet HTML 2Page - STMicroelectronics AN3040 Datasheet HTML 3Page - STMicroelectronics AN3040 Datasheet HTML 4Page - STMicroelectronics AN3040 Datasheet HTML 5Page - STMicroelectronics AN3040 Datasheet HTML 6Page - STMicroelectronics AN3040 Datasheet HTML 7Page - STMicroelectronics AN3040 Datasheet HTML 8Page - STMicroelectronics AN3040 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 27 page
background image
AN3040
List of figures
Doc ID 16181 Rev 2
3/27
List of figures
Figure 1.
4 x 18 W T8 ballast demonstration board . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 1
Figure 2.
Electrical architecture used for four-lamp electronic ballasts . . . . . . . . . . . . . . . . . . . . . . . . 4
Figure 3.
Electrical schematic 4 x 18 W T8 - main wide range . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 6
Figure 4.
EOL circuit for first-series lamp. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 9
Figure 5.
L6585DE startup sequence . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 16
Figure 6.
One lamp ignition phase . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 16
Figure 7.
Lamp voltage and current in run mode condition . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 16
Figure 8.
Run mode, rectifying effect . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 17
Figure 9.
Ignition phase with broken lamps: case 1 (lamp 1 works, lamp 2 is broken, lamp 3 is
broken, lamp 4 works) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 18
Figure 10.
Ignition phase with broken lamps: case 2 (lamp 1 is broken, lamp 2 works, lamp 3 is
broken, lamp 4 works) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 18
Figure 11.
Conducted emissions at 110 Vac 50 Hz - line 1 peak detector . . . . . . . . . . . . . . . . . . . . . 19
Figure 12.
Conducted emissions at 110 Vac 50 Hz - line 2 peak detector . . . . . . . . . . . . . . . . . . . . . 19
Figure 13.
Conducted emissions at 230 Vac 50 Hz - line 1 peak detector . . . . . . . . . . . . . . . . . . . . . 19
Figure 14.
Conducted emissions at 230 Vac 50 Hz - line 2 peak detector . . . . . . . . . . . . . . . . . . . . . 20
Figure 15.
Connecting four lamps to the ballast . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 20
Figure 16.
Automatic restart circuit . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 21



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com