Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AN3040 Datasheet(PDF) 5 Page - STMicroelectronics

Part # AN3040
Description  This application note describes a demonstration board able to drive
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3040 Datasheet(HTML) 5 Page - STMicroelectronics

  AN3040 Datasheet HTML 1Page - STMicroelectronics AN3040 Datasheet HTML 2Page - STMicroelectronics AN3040 Datasheet HTML 3Page - STMicroelectronics AN3040 Datasheet HTML 4Page - STMicroelectronics AN3040 Datasheet HTML 5Page - STMicroelectronics AN3040 Datasheet HTML 6Page - STMicroelectronics AN3040 Datasheet HTML 7Page - STMicroelectronics AN3040 Datasheet HTML 8Page - STMicroelectronics AN3040 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 27 page
background image
AN3040
Main characteristic
Doc ID 16181 Rev 2
5/27
2
Main characteristic
The electrical specifications of the lamp ballast are shown in Table 1.
Table 1.
Input and output parameter
Input parameters
VIN
Input voltage range
85 to 265 VRMS
fline
Line frequency
50/60 Hz
Tube lamp
Number
4
Type
T8
Power
18 W
Expected output parameters
PF
Power factor
≥0.9
THD%
Total harmonic distortion
≤10
η %
Efficiency
≈90



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com