Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AN3111 Datasheet(PDF) 7 Page - STMicroelectronics

Part # AN3111
Description  18 W single-stage offline LED driver
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3111 Datasheet(HTML) 7 Page - STMicroelectronics

Back Button AN3111 Datasheet HTML 3Page - STMicroelectronics AN3111 Datasheet HTML 4Page - STMicroelectronics AN3111 Datasheet HTML 5Page - STMicroelectronics AN3111 Datasheet HTML 6Page - STMicroelectronics AN3111 Datasheet HTML 7Page - STMicroelectronics AN3111 Datasheet HTML 8Page - STMicroelectronics AN3111 Datasheet HTML 9Page - STMicroelectronics AN3111 Datasheet HTML 10Page - STMicroelectronics AN3111 Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 23 page
background image
AN3111
Circuit design
Doc ID 16815 Rev 2
7/23
The proposed circuit runs at constant peak current. The current sensing voltage is set for 1
V, which is the clamping voltage of the current sensing comparator of the L6562A. The
voltage of the LED string is sensed on the INV pin of the L6562A through a coupled winding.
The turn ratio of the coupled inductor is designed so that the feedback voltage is lower than
2.5 V in normal operating conditions, so the error amplifier is saturated at maximum level
which sets the max. current sensing voltage to 1 V. Therefore, the peak current of the
inductor is fixed at a level determined by the sensing resistor value. As the peak current of
the inductor is constant, the input power is constant. The LED voltage is considered
constant, and the current into the LED can also be considered constant. If the load (the
LEDs) is open, the reflected output voltage on the INV pin is above a certain level, and the
controller shuts down to provide open load protection.
If the inductor current is controlled at constant level all the time, then the power factor is very
poor. The multiplier of the L6562A is used to reshape the current amplitude near the line
voltage zero crossing to improve the power factor. The rectified sine waveform is sampled at
the MULT pin. The output of the multiplier, which is the current setting, is lower than setting
the level near the line voltage zero crossing. In this way, the power factor of the converter is
improved significantly.
Design procedure:
●
Input voltage:
●
Output voltage: 18 LEDs in series, Vout=54 V
●
Output current: Iout=350 mA
The design variable is the peak current of the inductor (Ipk), and the inductance (L).
When Q1 is turned on, the inductor is charged to Ipk. The ON time is:
Equation 1
The OFF time is:
Equation 2
The period of the switching cycle is:
Equation 3
The duty cycle (D) is:
Equation 4
Vin
θ
()
2Vin
θ
()
sin
⋅
⋅
=
Vin
120V
=
,
)
t
(
Vin
Ipk
*
L
)
(
Ton
=
θ
Vout
Ipk
*
L
)
(
Toff
=
θ
Vout
Ipk
*
L
)
(
Vin
Ipk
*
L
)
(
Toff
)
(
Ton
)
(
T
+
θ
=
θ
+
θ
=
θ
)
(
Vin
Vout
Vout
)
(
T
)
(
Ton
)
(
D
θ
+
=
θ
θ
=
θ



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com