Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AN3111 Datasheet(PDF) 9 Page - STMicroelectronics

Part # AN3111
Description  18 W single-stage offline LED driver
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3111 Datasheet(HTML) 9 Page - STMicroelectronics

Back Button AN3111 Datasheet HTML 5Page - STMicroelectronics AN3111 Datasheet HTML 6Page - STMicroelectronics AN3111 Datasheet HTML 7Page - STMicroelectronics AN3111 Datasheet HTML 8Page - STMicroelectronics AN3111 Datasheet HTML 9Page - STMicroelectronics AN3111 Datasheet HTML 10Page - STMicroelectronics AN3111 Datasheet HTML 11Page - STMicroelectronics AN3111 Datasheet HTML 12Page - STMicroelectronics AN3111 Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 23 page
background image
AN3111
Circuit design
Doc ID 16815 Rev 2
9/23
From Equation 6, we have:
Equation 12
A 1
Ω current sensing resistor can be used in the application. To better handle the high
current, two SMT 2
Ω resistors are implemented.
Operating principles:
The operation of the converter can be described as follows:
●
The period of t0 to t3 is near the line voltage zero crossing. The period of t4 to t7 is
around the peak line voltage.
●
[t0,t1], Q1 is turned on at time t0. The inductor current reaches its peak at t1. Near the
line voltage zero crossing, the peak amplitude is lower than the constant value Ipk.
●
[t1,t2] Q1 is turned off at t1. The inductor current decreases to zero at t2.
●
[t2,t3] the drain voltage of Q1 starts to fall at t2, and reaches zero at t3. The ZCD pin of
the controller detects the ZCD signal low and turns on Q1 again at t3. Q1 is turned on
at zero voltage.
●
[t4,t5], Q1 is turned on at time t4. The inductor current reaches its peak at t4. The peak
amplitude is the constant value Ipk.
●
[t5,t6] Q1 is turned off at t5. The inductor current decreases to zero at t6.
●
[t6,t7] the drain voltage of Q1 starts to fall at t6, and reaches its minimum value at t7,
but it does not reach zero. The ZCD pin of the controller detects the ZCD signal low and
turns on Q1 again at t7. Q1 is turned on at reduced voltage.
Figure 4.
Illustration of key waveforms of the converter
The MOSFET Q1 operates zero voltage turn-on when the instant input voltage is lower than
the output voltage. It is turned on at reduced voltage when the input voltage is higher than
the output voltage. Therefore, it is a partial soft-switched converter.
)
Vout
Vpk
Vpk
*
Vout
(
Ipk
max*
fsw
1
L
+
=
L200
μH
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com