Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AN3119 Datasheet(PDF) 7 Page - STMicroelectronics

Part # AN3119
Description  250 W transition-mode PFC pre-regulator with the new L6563S
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3119 Datasheet(HTML) 7 Page - STMicroelectronics

Back Button AN3119 Datasheet HTML 3Page - STMicroelectronics AN3119 Datasheet HTML 4Page - STMicroelectronics AN3119 Datasheet HTML 5Page - STMicroelectronics AN3119 Datasheet HTML 6Page - STMicroelectronics AN3119 Datasheet HTML 7Page - STMicroelectronics AN3119 Datasheet HTML 8Page - STMicroelectronics AN3119 Datasheet HTML 9Page - STMicroelectronics AN3119 Datasheet HTML 10Page - STMicroelectronics AN3119 Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 32 page
background image
AN3119
Bill of material
Doc ID 16849 Rev 2
7/32
3
Bill of material
Table 1.
EVL6563S-250W TM PFC demonstration board BOM
Des.
Part type/
part value
Case style
/package
Description
Supplier
C1
470N-X2
6X26.5 mm
X2 - FLM CAP - B32923A3474M
EPCOS
C10
680N
0805
25 V CERCAP - general purpose
AVX
C11
2N2
0805
50 V CERCAP - general purpose
AVX
C12
1 µF
0805
25 V CERCAP - general purpose
AVX
C13
2N2
0805
50 V CERCAP - general purpose
AVX
C14
220 pF
0805
50 V CERCAP - general purpose
AVX
C15
2N2
0805
50 V CERCAP - general purpose
AVX
C2
1 µF-X2
11X26.5 mm
X2 - FLM CAP - B32923C3105+***
EPCOS
C4
1.5 µF-520 V
12X26.5 mm
520V - FLM CAP - B32673Z5155
EPCOS
C5
100 µF - 450 V
Dia. 18X35 mm
450 V, aluminium ELCAP, TXW series, 105 °C
RUBYCON
C6
10 N
1206
100 V CERCAP - general purpose
AVX
C7
68 N
0805
50 V CERCAP - general purpose
AVX
C8
470 N
1206
50 V CERCAP - general purpose
AVX
C9
68 µF-35 V
Dia. 6.3X11 mm 35 V - Aluminium ELCAP - FM series - 105 °C
Panasonic
D1
D10XB60H
DWG
Single-phase bridge rectifier
SHINDENGEN
D2
1N5406
DO-201
Rectifier - general purpose
VISHAY
D3
STTH5L06
DO-201
Ultrafast high voltage rectifier
STMicroelectronics
D4
LL4148
MINIMELF
High speed signal diode
VISHAY
D5
BZX55-C18
MINIMELF
Zener diode
VISHAY
D6
LL4148
MINIMELF
High speed signal diode
VISHAY
D7
LL4148
MINIMELF
High speed signal diode
VISHAY
F1
FUSE 4A
DWG
Fuse T4A - time delay
WICHMANN
HS1
HEAT-SINK
DWG
Heat sink for D1& Q1, Q2 - H=23 mm
J1
CON2-IN
Input connector - pitch 7.62 MM - 2 pins
MOLEX
J2
CON5
DWG
Output connector - pitch 5.08 MM - 5 pins
MOLEX
J3
CON5
PCB term. block, pitch 2.5 MM - 5 W
MOLEX
JP2
Wire jumper
Wire jumper
JPX1
Wire jumper
Insulated wire jumper
JPX10
Wire jumper
Wire jumper
JPX2
Wire jumper
Insulated wire jumper
JPX3
Wire jumper
Wire jumper



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com