Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AN3119 Datasheet(PDF) 3 Page - STMicroelectronics

Part # AN3119
Description  250 W transition-mode PFC pre-regulator with the new L6563S
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3119 Datasheet(HTML) 3 Page - STMicroelectronics

  AN3119 Datasheet HTML 1Page - STMicroelectronics AN3119 Datasheet HTML 2Page - STMicroelectronics AN3119 Datasheet HTML 3Page - STMicroelectronics AN3119 Datasheet HTML 4Page - STMicroelectronics AN3119 Datasheet HTML 5Page - STMicroelectronics AN3119 Datasheet HTML 6Page - STMicroelectronics AN3119 Datasheet HTML 7Page - STMicroelectronics AN3119 Datasheet HTML 8Page - STMicroelectronics AN3119 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 32 page
background image
AN3119
List of figures
Doc ID 16849 Rev 2
3/32
List of figures
Figure 1.
EVL6563S-250W: L6563S 250W TM PFC demonstration board . . . . . . . . . . . . . . . . . . . . . 1
Figure 2.
EVL6563S-250W TM PFC demonstration board: electrical schematic . . . . . . . . . . . . . . . . 6
Figure 3.
EVL6563S-250W TM PFC: compliance to EN61000-3-2 standard at 250 W. . . . . . . . . . . 10
Figure 4.
EVL6563S-250W TM PFC: compliance to JEITA-MITI standard at 250 W . . . . . . . . . . . . 10
Figure 5.
EVL6563S-250W TM PFC: compliance to EN61000-3-2 standard at 70 W. . . . . . . . . . . . 10
Figure 6.
EVL6563S-250W TM PFC: compliance to JEITA-MITI standard at 70 W . . . . . . . . . . . . . 10
Figure 7.
EVL6563S-250W TM PFC: input current waveform @230 V-50 Hz - 250 W load . . . . . . . 11
Figure 8.
EVL6563S-250W TM PFC: input current waveform @100 V-50 Hz - 250 W load . . . . . . . 11
Figure 9.
EVL6563S-250W TM PFC: input current waveform @230 V-50 Hz - 70 W load . . . . . . . . 11
Figure 10.
EVL6563S-250W TM PFC: input current waveform @100 V-50 Hz - 70 W load . . . . . . . . 11
Figure 11.
EVL6563S-250W TM PFC: power factor vs. output power. . . . . . . . . . . . . . . . . . . . . . . . . 12
Figure 12.
EVL6563S-250W TM PFC: THD vs. output power . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 12
Figure 13.
EVL6563S-250W TM PFC: efficiency vs. output power . . . . . . . . . . . . . . . . . . . . . . . . . . 12
Figure 14.
EVL6563S-250W TM PFC: average efficiency acc. to ES-2 . . . . . . . . . . . . . . . . . . . . . . . 12
Figure 15.
EVL6563S-250W TM PFC: static Vout regulation vs. output power . . . . . . . . . . . . . . . . . 13
Figure 16.
EVL6563S-250W TM PFC: MOSFET current at 100 Vac - 50 Hz - full load . . . . . . . . . . . 14
Figure 17.
EVL6563S-250W TM PFC: MOSFET current at 100 Vac - 50 Hz - full load . . . . . . . . . . . 14
Figure 18.
EVL6563S-250W TM PFC: L6563S control pins-1 at 115 Vac - 60 Hz - full load . . . . . . . 14
Figure 19.
EVL6563S-250W TM PFC: L6563S control pins-2 at 115 Vac - 60 Hz - full load . . . . . . . 14
Figure 20.
L6562A input mains surge 90 Vac to 140 Vac - no VFF input . . . . . . . . . . . . . . . . . . . . . . 16
Figure 21.
EVL6563S-250W TM PFC: input mains surge 90 Vac to 140 Vac . . . . . . . . . . . . . . . . . . . 16
Figure 22.
L6562A: input mains dip 140 Vac to 90 Vac - no VFF input . . . . . . . . . . . . . . . . . . . . . . . . 16
Figure 23.
EVL6563S-250W TM PFC: input mains dip 140 Vac to 90 Vac . . . . . . . . . . . . . . . . . . . . . 16
Figure 24.
L6563 Input current at 100 Vac -50Hz CFF=0.47 µF, RFF=390 kW . . . . . . . . . . . . . . . . . 17
Figure 25.
EVL6563S-250W TM PFC: input current at 100 Vac -50 Hz CFF=1 µF, RFF=1 MW . . . . 17
Figure 26.
EVL6563S-250W TM PFC: startup attempt at 80 Vac-60 Hz - full load . . . . . . . . . . . . . . . 18
Figure 27.
EVL6563S-250W TM PFC: startup with slow input voltage increasing - full load. . . . . . . . 18
Figure 28.
EVL6563S-250W TM PFC: turn-off with slow input voltage decreasing - full load . . . . . . . 18
Figure 29.
EVL6563S-250W TM PFC: startup at 90 Vac-60 Hz - full load . . . . . . . . . . . . . . . . . . . . . 19
Figure 30.
EVL6563S-250W TM PFC: startup at 265 Vac-50 Hz - full load . . . . . . . . . . . . . . . . . . . . 19
Figure 31.
EVL6563S-250W load transient at 115 Vac - 60 Hz - full load to no-load . . . . . . . . . . . . . 21
Figure 32.
EVL6563S-250W TM PFC: open-loop at 115 Vac - 60 Hz - full load . . . . . . . . . . . . . . . . . 21
Figure 33.
EVL6563S-250W TM PFC: open-loop at 115 Vac - 60 Hz - full load - long acquisition . . . 21
Figure 34.
L6563S on/off control by a cascaded converter controller via the PFC_OK or RUN pin . . 23
Figure 35.
Interface circuits that let the L6563S switch on or off a PWM controller - not latched . . . . 24
Figure 36.
Interface circuits that let the L6563S switch on or off a PWM controller - latched . . . . . . . 24
Figure 37.
EVL6563S-250W TM PFC: PCB layout (SMT side view) . . . . . . . . . . . . . . . . . . . . . . . . . . 25
Figure 38.
Thermal map at 115 Vac - 60 Hz - full load - PCB top side . . . . . . . . . . . . . . . . . . . . . . . . 26
Figure 39.
Thermal map at 230 Vac - 50 Hz - full load - PCB top side . . . . . . . . . . . . . . . . . . . . . . . . 26
Figure 40.
EVL6563S-250W CE AVG measurement at 115 Vac-60 Hz - full load - phase wire . . . . . 28
Figure 41.
EVL6563S-250W CE AVG measurement at 115 Vac-60 Hz - full load - neutral wire . . . . 28
Figure 42.
EVL6563S-250W CE AVG measurement at 230 Vac-50 Hz - full load - phase wire . . . . . 29
Figure 43.
EVL6563S-250W CE AVG measurement at 230 Vac-50 Hz - full load - neutral wire . . . . 29



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com