Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AN3233 Datasheet(PDF) 7 Page - STMicroelectronics

Part # AN3233
Description  This application note describes the characteristics
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3233 Datasheet(HTML) 7 Page - STMicroelectronics

Back Button AN3233 Datasheet HTML 3Page - STMicroelectronics AN3233 Datasheet HTML 4Page - STMicroelectronics AN3233 Datasheet HTML 5Page - STMicroelectronics AN3233 Datasheet HTML 6Page - STMicroelectronics AN3233 Datasheet HTML 7Page - STMicroelectronics AN3233 Datasheet HTML 8Page - STMicroelectronics AN3233 Datasheet HTML 9Page - STMicroelectronics AN3233 Datasheet HTML 10Page - STMicroelectronics AN3233 Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 35 page
background image
AN3233
Main characteristics and circuit description
Doc ID 17595 Rev 1
7/35
Figure 2.
Burst mode circuit block diagram
The output current is sensed by a resistor (RCS); the voltage drop across this resistor is
amplified by TSC101, a dedicated high side current sense amplifier; its output is compared
to a set reference by the TSM1014; if the output load is high, the signal fed into the CC- pin
is above the reference voltage, CC_OUT stays down and the optocoupler transistor pulls up
the L6599A’s STBY pin to the RFMIN voltage (2 V), setting continuous switching operation
(no burst mode); if load decreases, the voltage on CC- falls below the set threshold,
CC_OUT goes high opening the connection between RFMIN and STBY and so allowing
burst mode operation by the L6599A.
RCS is dimensioned considering two constraints. The first is the maximum power dissipation
allowed, based on the efficiency goal. The second limitation is imposed by the necessity to
feed a reasonable voltage signal into the TSM1014A inverting input. In fact, signals which
are too small would affect system accuracy.
On this board, the maximum acceptable power dissipation has been set to Ploss,MAX = 500
mW. RCS maximum value is calculated as follows:
The burst mode threshold is set at 5 W corresponding to CBM = 417 mA output current at 12
V.
Choosing VCC+,min = 50 mV as the minimum reference of TSM1014A, which allows a good
signal-to-noise ratio, the RCS minimum value is calculated as follows:
The actual value of the mounted resistor is 2 m
Ω, corresponding to P
loss = 312 mW power
losses at full load. The actual resistor value at burst mode threshold current provides an
output voltage by TSC101 of 83 mV. The reference voltage of TSM1014 VCC+ must be set at
this level. The resistor divider setting the TSM1014 threshold RH and RL should be in the
range of kilo-ohms to minimize dissipation. By selecting RL = 22 kΩ, the right RH value is
obtained as follows:
Comp.
+
-
L6599A
TSM1014
TSC101
to load
to FB optocoupler
to power transformer
Comp.
+
-
E/A.
-
+
Standby
STBY
RFMIN
CC_OUT
2V
1.24V
CC-
OUT
CC+
1.25V
V_REF
RCS
RH
RFB
RBM
RBM
RL
RHts
Rlim
100
VP
VM
3.2mΩ
I
P
R
2
MAX
out,
MAX
loss,
MAX
CS,
=
=
1.2mΩ
C
100
V
R
BM
min
CC+,
min
CS,
=
⋅
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com