Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AN3233 Datasheet(PDF) 3 Page - STMicroelectronics

Part # AN3233
Description  This application note describes the characteristics
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3233 Datasheet(HTML) 3 Page - STMicroelectronics

  AN3233 Datasheet HTML 1Page - STMicroelectronics AN3233 Datasheet HTML 2Page - STMicroelectronics AN3233 Datasheet HTML 3Page - STMicroelectronics AN3233 Datasheet HTML 4Page - STMicroelectronics AN3233 Datasheet HTML 5Page - STMicroelectronics AN3233 Datasheet HTML 6Page - STMicroelectronics AN3233 Datasheet HTML 7Page - STMicroelectronics AN3233 Datasheet HTML 8Page - STMicroelectronics AN3233 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 35 page
background image
AN3233
List of figures
Doc ID 17595 Rev 1
3/35
List of figures
Figure 1.
EVL150W-ADP-SR: 150 W SMPS demonstration board . . . . . . . . . . . . . . . . . . . . . . . . . . . 1
Figure 2.
Burst mode circuit block diagram . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 7
Figure 3.
Electrical diagram . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 10
Figure 4.
Light load efficiency diagram . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 12
Figure 5.
Compliance with EN61000-3-2 at 230 Vac – 50 Hz, full load . . . . . . . . . . . . . . . . . . . . . . . 13
Figure 6.
Compliance with JEITA-MITI at 100 Vac – 50 Hz, full load . . . . . . . . . . . . . . . . . . . . . . . . 13
Figure 7.
Resonant stage waveforms at 115 V – 60 Hz – full load . . . . . . . . . . . . . . . . . . . . . . . . . . 14
Figure 8.
SRK2000 key signals at 115 V – 60 Hz – full load . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 14
Figure 9.
High-side MOSFET ZV turn-on at 115 V – 60 Hz – full load. . . . . . . . . . . . . . . . . . . . . . . . 14
Figure 10.
Low-side MOSFET ZV turn-on at 115 V – 60 Hz – full load . . . . . . . . . . . . . . . . . . . . . . . . 14
Figure 11.
Converter startup at 115 Vac full load . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 15
Figure 12.
Converter shutdown at 115 Vac full load . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 15
Figure 13.
Startup resonant current . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 15
Figure 14.
Shutdown resonant current. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 15
Figure 15.
No-load operation . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 16
Figure 16.
No-load operation – detail. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 16
Figure 17.
Transition full load to no load at 115 Vac – 60 Hz . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 16
Figure 18.
Transition no load to full load at 115 Vac – 60 Hz . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 16
Figure 19.
Short-circuit at full load and 115 Vac – 60 Hz. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 17
Figure 20.
Thermal map at 115 Vac – 60 Hz - full load . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 18
Figure 21.
Thermal map at 230 Vac – 50 Hz - full load . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 18
Figure 22.
Thermal map SR daughterboard - full load. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 19
Figure 23.
CE average measurement at 115 Vac and full load . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 20
Figure 24.
CE average measurement at 230 Vac and full load . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 20
Figure 25.
PFC coil electrical diagram . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 29
Figure 26.
PFC coil mechanical aspect . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 30
Figure 27.
Transformer electrical diagram . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 31
Figure 28.
Transformer overall drawing . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 32



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com