Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AN3288 Datasheet(PDF) 7 Page - STMicroelectronics

Part # AN3288
Description  The purpose of this application note is to provide an accurate description
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3288 Datasheet(HTML) 7 Page - STMicroelectronics

Back Button AN3288 Datasheet HTML 3Page - STMicroelectronics AN3288 Datasheet HTML 4Page - STMicroelectronics AN3288 Datasheet HTML 5Page - STMicroelectronics AN3288 Datasheet HTML 6Page - STMicroelectronics AN3288 Datasheet HTML 7Page - STMicroelectronics AN3288 Datasheet HTML 8Page - STMicroelectronics AN3288 Datasheet HTML 9Page - STMicroelectronics AN3288 Datasheet HTML 10Page - STMicroelectronics AN3288 Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 27 page
background image
AN3288
System architecture
Doc ID 18011 Rev 2
7/27
2.4
HB-LED array driving
After the signal elaboration, the MCU opportunely drives the two buck converters, based on
the A5970AD regulators, to obtain a proper light brightness proportional to the effort of the
measured deceleration. The A5970AD is a step-down monolithic power switching regulator
for automotive applications qualified to AEC-Q100 requirements, with a minimum switch
current limit of 1.35 A to the load depending on application conditions, and an operating
input voltage from 4 V to 36 V.
The MCU digitally controls the dimming of the two LED arrays, applying a square wave with
variable duty cycle (pulse-width modulation or PWM) to the LED driving circuit. In order to
drive its switching, the STM8AF5168 MCU is directly connected to the INHIBIT pins of the
two A5970AD regulators.
Using pulse-width modulation (PWM) to set the period and duty cycle is the easiest way to
accomplish the digital dimming, and the buck regulator topology provides the best driving
performance for this application.
Figure 3.
Buck converter schematic based on A5970AD
The LEDs switching frequency must be faster than the human eye can detect in order to
avoid a flickering effect (about 200 Hz or faster is usually acceptable). To obtain the best
light efficiency from the 2 HB-LED arrays and to optimize their dimming, the MCU generates
a PWM signal with a frequency fixed to 300 Hz, while the duty cycle changes its value with
the variation of the deceleration detected by the AIS326DQ. This configuration allows LEDs
to switch between ON and OFF as quick as possible, allowing the system to have a fast
response and a low power consumption.
In order to identify four different kinds of light actuations corresponding to the different
deceleration ranges, a system of four main functional thresholds has been set in the
firmware. So the four major ranges of braking effort have been correlated to four fixed values
of duty cycle:
●
for no braking, duty cycle = 100 %
●
for soft braking, duty cycle = 65 %
●
for medium braking, duty cycle = 50 %
●
for strong braking, duty cycle = 25 %



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com