Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AN3288 Datasheet(PDF) 4 Page - STMicroelectronics

Part # AN3288
Description  The purpose of this application note is to provide an accurate description
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3288 Datasheet(HTML) 4 Page - STMicroelectronics

  AN3288 Datasheet HTML 1Page - STMicroelectronics AN3288 Datasheet HTML 2Page - STMicroelectronics AN3288 Datasheet HTML 3Page - STMicroelectronics AN3288 Datasheet HTML 4Page - STMicroelectronics AN3288 Datasheet HTML 5Page - STMicroelectronics AN3288 Datasheet HTML 6Page - STMicroelectronics AN3288 Datasheet HTML 7Page - STMicroelectronics AN3288 Datasheet HTML 8Page - STMicroelectronics AN3288 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 27 page
background image
Scope of the platform
AN3288
4/27
Doc ID 18011 Rev 2
1
Scope of the platform
The “g-Brake Lights” platform is an add-on brake lamp useful as an additional warning light
to increase safety in motorbike use, but just a few changes enable it to be used in other
kinds of vehicles. This solution is capable of increasing vehicle safety levels especially in
situations requiring a fast braking light response. In fact, the light intensity of the brake light
can be adapted to the braking intensity.
Moreover, compared to traditional incandescent bulb solutions, the main advantages of this
platform are:
●
the very short switch-on time
●
the low power consumption due to low power devices and the efficient conversion of
electrical power into optical power
●
the high lifetime of the optical actuator (for optimized LEDs, up to 100.000 hours)
A brief overview of the g-Brake Lights main blocks and characteristics follows.
1.1
Key features
The main features are:
●
Operations independent of the braking system
●
Variable light intensities proportional to vehicle decelerations
●
More than 1,000 programmable levels of brightness based on decelerations
●
Six 1 W-Power LED light source outputs
●
Real-time light response
●
Self-calibrating bidirectional functionality; automatically identifies the direction of
movement
●
12 V battery operating
●
LIN-UART peripherals networking capability



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com