Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AN3308 Datasheet(PDF) 1 Page - STMicroelectronics

Part # AN3308
Description  This document describes the low-voltage 3-axis digital output linear MEMS accelerometer provided in an LGA package
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3308 Datasheet(HTML) 1 Page - STMicroelectronics

  AN3308 Datasheet HTML 1Page - STMicroelectronics AN3308 Datasheet HTML 2Page - STMicroelectronics AN3308 Datasheet HTML 3Page - STMicroelectronics AN3308 Datasheet HTML 4Page - STMicroelectronics AN3308 Datasheet HTML 5Page - STMicroelectronics AN3308 Datasheet HTML 6Page - STMicroelectronics AN3308 Datasheet HTML 7Page - STMicroelectronics AN3308 Datasheet HTML 8Page - STMicroelectronics AN3308 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 52 page
background image
January 2011
Doc ID 18198 Rev 1
1/52
AN3308
Application note
LIS3DH: MEMS digital output motion sensor
ultra low-power high performance 3-axis “nano” accelerometer
Introduction
This document describes the low-voltage 3-axis digital output linear MEMS accelerometer
provided in an LGA package.
The LIS3DH is an ultra low-power high performance 3-axis linear accelerometer belonging
to the “nano” family, with a digital I2C/SPI serial interface standard output.
The device features ultra low-power operational modes that allow advanced power saving
and smart sleep-to-wake-up and return-to-sleep functions.
The LIS3DH has dynamic user selectable full scales of ±2g/±4g/±8g/±16g and it is capable
of measuring accelerations with output data rates from 1 Hz to 5 kHz.
The device may be configured to generate interrupt signals by an independent inertial wake-
up/free-fall event as well as by the position of the device itself. Thresholds and timing of the
interrupt generator are programmable by the end user on the fly.
Automatic programmable sleep-to-wake-up and return-to-sleep functions are also available
for enhanced power saving.
The LIS3DH has an integrated 32-level first in first out (FIFO) buffer allowing the user to
store data for host processor intervention reduction.
The LIS3DH is available in a small thin plastic land grid array package (LGA) and it is
guaranteed to operate over an extended temperature range from -40 °C to +85 °C.
The ultra small size and weight of the SMD package make it an ideal choice for handheld
portable applications such as cell phones and PDAs, or any other application where
reduced package size and weight are required.
www.st.com


Similar Part No. - AN3308

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
AN33012UA PANASONIC-AN33012UA Datasheet
607Kb / 20P
5 to 25 V, VOUT = 1.2 to 22 V, 2-channel DC-DC Controller IC with Step down regulation
2013-06-28
AN33014UA PANASONIC-AN33014UA Datasheet
1Mb / 23P
VIN = 5 to 25 V, 1-channel DC-DC Step down Regulator integrated N-channel Power MOSFET for USB
2013-11-08
AN33016UA PANASONIC-AN33016UA Datasheet
537Kb / 19P
VIN = 5 to 39 V, VOUT = 1.2 to 9 V, 1-channel DC-DC Step down Regulator integrated N-channel Power MOSFET
logo
Panasonic Battery Group
AN3301X PANASONICBATTERY-AN3301X Datasheet
431Kb / 2P
Highly Reliable DC/DC Series Step-Down Regulators with Controllable Switching Frequency
logo
STMicroelectronics
AN3302 STMICROELECTRONICS-AN3302 Datasheet
814Kb / 13P
Monolithic power management for high definition ODD with
03-Jan-2011
More results

Similar Description - AN3308

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
LIS3LV02DQ STMICROELECTRONICS-LIS3LV02DQ Datasheet
379Kb / 42P
MEMS INERTIAL SENSOR 3-Axis - -2g/-6g Digital Output Low Voltage Linear Accelerometer
07-Oct-2005
LIS3LV02DL STMICROELECTRONICS-LIS3LV02DL Datasheet
317Kb / 36P
MEMS INERTIAL SENSOR 3-Axis - ±2g/±6g Digital Output Low Voltage Linear Accelerometer
15-Feb-2006
STEVAL-MKI004V1 STMICROELECTRONICS-STEVAL-MKI004V1 Datasheet
123Kb / 4P
MEMS 3-axis - ±2g/±6g digital output low voltage linear accelerometer evaluation board based on LIS3LV02DQ
16-Oct-2007
LIS3LV02DL STMICROELECTRONICS-LIS3LV02DL_08 Datasheet
672Kb / 48P
MEMS inertial sensor 3-axis - ±2g/±6g digital output low voltage linear accelerometer
15-Jan-2008
AIS326DQ STMICROELECTRONICS-AIS326DQ Datasheet
662Kb / 49P
MEMS inertial sensor 3-axis, low g accelerometer with digital output
20-Aug-2008
AN2579 STMICROELECTRONICS-AN2579 Datasheet
817Kb / 15P
LIS302DL 3-axis digital MEMS accelerometer
17-Jan-2008
AN2768 STMICROELECTRONICS-AN2768 Datasheet
821Kb / 17P
LIS331DL 3-axis digital MEMS accelerometer
24-Jun-2008
AN2847 STMICROELECTRONICS-AN2847 Datasheet
407Kb / 31P
This document provides application information for the low-voltage 3-axis digital output
08-Sep-2010
AN4662 STMICROELECTRONICS-AN4662 Datasheet
948Kb / 43P
This document describes the low-voltage 3-axis digital output linear MEMS accelerometer provided
13-Apr-2015
logo
Analog Devices
ADXL373 AD-ADXL373 Datasheet
1Mb / 52P
Micropower, 3-Axis, 짹400 g, Digital Output, MEMS Accelerometer
Apr-2021
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com