Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AN3308 Datasheet(PDF) 10 Page - STMicroelectronics

Part # AN3308
Description  This document describes the low-voltage 3-axis digital output linear MEMS accelerometer provided in an LGA package
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3308 Datasheet(HTML) 10 Page - STMicroelectronics

Back Button AN3308 Datasheet HTML 6Page - STMicroelectronics AN3308 Datasheet HTML 7Page - STMicroelectronics AN3308 Datasheet HTML 8Page - STMicroelectronics AN3308 Datasheet HTML 9Page - STMicroelectronics AN3308 Datasheet HTML 10Page - STMicroelectronics AN3308 Datasheet HTML 11Page - STMicroelectronics AN3308 Datasheet HTML 12Page - STMicroelectronics AN3308 Datasheet HTML 13Page - STMicroelectronics AN3308 Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 52 page
background image
Operating modes
AN3308
10/52
Doc ID 18198 Rev 1
2.1
Power-down mode
When the device is in power-down mode, almost all internal blocks of the device are
switched off to minimize power consumption. Digital interfaces (I2C and SPI) are still active
to allow communication with the device. The configuration registers content is preserved
and output data registers are not updated, therefore keeping the last data sampled in
memory before going into power-down mode.
2.2
Normal mode
In normal mode, data are generated at the data rate (ODR) selected through the DR bits
and for the axis enabled through Zen, Yen, and Xen bits of CTRL_REG1. Data generated for
a disabled axis is 00h.
Data interrupt generation is active and configured through the INT1_CFG register.
2.3
Low power mode
While normal mode guarantees higher resolution, low power mode further reduces the
current consumption.
In low power mode, data are generated at the data rate (ODR) selected through the DR bits
and for the axis enabled through the Zen, Yen, and Xen bits of CTRL_REG1. Data
generated for a disabled axis is 00h.
Data interrupt generation is active and configured through the INT1_CFG register.
10
4
3
25
6
4
50
11
6
100
20
10
200
38
18
400
73
36
1250
185
-
1600
-
99
5000
-
184
Table 4.
Power consumption (
μA) (continued)
ODR(Hz)
Normal mode (
μA)
Low power mode (
μA)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com