Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

UM0613 Datasheet(PDF) 6 Page - STMicroelectronics

Part # UM0613
Description  Dual DC-DC converter for powering an AMOLED display
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM0613 Datasheet(HTML) 6 Page - STMicroelectronics

Back Button UM0613 Datasheet HTML 2Page - STMicroelectronics UM0613 Datasheet HTML 3Page - STMicroelectronics UM0613 Datasheet HTML 4Page - STMicroelectronics UM0613 Datasheet HTML 5Page - STMicroelectronics UM0613 Datasheet HTML 6Page - STMicroelectronics UM0613 Datasheet HTML 7Page - STMicroelectronics UM0613 Datasheet HTML 8Page - STMicroelectronics UM0613 Datasheet HTML 9Page - STMicroelectronics UM0613 Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
Connector description
UM0613
6/11
Doc ID 15186 Rev 1
4
Connector description
Table 3.
Connector description
Connector
Function
Notes
Input
Power input voltage
This is the input power source. The STOD02 is specifically
designed to work with low impedance power sources, such as a
battery. In the case where a lab power source is used with long
wires, a 470 µF capacitor connected to the input connector must
be used to bypass the power input source.
Output
Positive and negative outputs
The positive and negative voltages are available through this
connector. The cumulative differential voltage is supplied
between + and – connectors. A real AMOLED panel must be
connected between them. The single positive and negative
voltages are supplied at +/GND and -/GND for testing purposes.
S-wire
Connection for S-wire pin
This connector allows access to the S-wire pin. The negative
voltage of the STOD02 is set at - 4.9 V as a default. By applying
a special command to the S-wire pin the negative voltage can be
changed to different values. See the STOD02 datasheet for a
detailed description of this function. Short the S-wire pin to GND
if this function is not used.
Enable
Connection for Enable pin
This connector allows the turning-on/off of the device. A short
between En/VIN enables the device, while a short between
En/Gnd disables the device.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com