Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

UM0613 Datasheet(PDF) 1 Page - STMicroelectronics

Part # UM0613
Description  Dual DC-DC converter for powering an AMOLED display
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM0613 Datasheet(HTML) 1 Page - STMicroelectronics

  UM0613 Datasheet HTML 1Page - STMicroelectronics UM0613 Datasheet HTML 2Page - STMicroelectronics UM0613 Datasheet HTML 3Page - STMicroelectronics UM0613 Datasheet HTML 4Page - STMicroelectronics UM0613 Datasheet HTML 5Page - STMicroelectronics UM0613 Datasheet HTML 6Page - STMicroelectronics UM0613 Datasheet HTML 7Page - STMicroelectronics UM0613 Datasheet HTML 8Page - STMicroelectronics UM0613 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
November 2010
Doc ID 15186 Rev 1
1/11
UM0613
User manual
Dual DC-DC converter for powering an AMOLED display
based on the STOD02
Introduction
The STOD02 demonstration board is dedicated to showing the performance of the STOD02
dual DC-DC device, which is used to power AMOLED displays up to 3.0" with an input
voltage range from 2.5 to 4.5 V.
It integrates a step-up and inverting DC-DC converter, able to deliver the positive and
negative voltages needed for the AMOLED panel to operate. Due to the high switching
frequency and to the full integration of the synchronous switches, the STOD02 needs very
few and small external components, therefore reducing the BOM cost and the PCB area.
At the same time, this small size solution does not penalize the overall performance:
efficiency stays above 85 % in the most used range of output current and input voltage while
very good line and load transients allow the maintaining of a stable output voltage when the
input voltage changes rapidly due to series resistance of the battery.
The STOD02 works in pulse-skipping mode during low load condition and in PWM mode (at
1.6 MHz) for medium/high load conditions. The Enable pin allows the turning off of the
device, therefore reducing the current consumption to less that 1 µA. The negative output
voltage can be programmed by an MCU through a dedicated pin which implements S-wire
protocol. Soft-start with controlled inrush current limit and thermal shutdown are integrated
functions of the device.
Figure 1.
Typical application schematic
www.st.com


Similar Part No. - UM0613

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
UM0629 STMICROELECTRONICS-UM0629 Datasheet
872Kb / 26P
STM8L101-EVAL evaluation board
06-Nov-2009
UM0670 STMICROELECTRONICS-UM0670 Datasheet
1Mb / 43P
80 W offline LED driver with PFC
10-Aug-2009
UM0672 STMICROELECTRONICS-UM0672 Datasheet
338Kb / 15P
CRX14 and CR14 reference design PCB Gerber files
23-Jan-2009
UM0673 STMICROELECTRONICS-UM0673 Datasheet
757Kb / 19P
The power board STEVAL-ISF001V2 is a 3 kW PFC designed
19-Dec-2012
UM0677 STMICROELECTRONICS-UM0677 Datasheet
786Kb / 16P
High-efficiency switching LED driver for high-current LEDs
14-May-2010
More results

Similar Description - UM0613

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STOD03ASTPUR STMICROELECTRONICS-STOD03ASTPUR Datasheet
1Mb / 24P
Dual DC-DC converter for powering AMOLED displays
20-Dec-2011
STOD03ATPUR STMICROELECTRONICS-STOD03ATPUR Datasheet
496Kb / 22P
Dual DC-DC converter for powering AMOLED displays
19-Jun-2013
STOD13ATPUR STMICROELECTRONICS-STOD13ATPUR Datasheet
928Kb / 24P
250 mA dual DC-DC converter for powering AMOLED displays
14-Dec-2011
STOD02PUR STMICROELECTRONICS-STOD02PUR Datasheet
1Mb / 23P
Dual DC-DC converter for powering AMOLED display
30-Jun-2009
STOD03A STMICROELECTRONICS-STOD03A Datasheet
496Kb / 22P
Dual DC-DC converter for powering AMOLED displays
19-Jun-2013
STOD03AS STMICROELECTRONICS-STOD03AS Datasheet
696Kb / 25P
Dual DC-DC converter for powering AMOLED displays
28-Jul-2013
STOD14 STMICROELECTRONICS-STOD14 Datasheet
699Kb / 22P
700 mA dual DC-DC converter for powering AMOLED displays
16-Aug-2012
STOD30 STMICROELECTRONICS-STOD30 Datasheet
239Kb / 8P
300 mA triple DC-DC converter for powering AMOLED display
07-Jan-2014
STOD32A STMICROELECTRONICS-STOD32A Datasheet
276Kb / 9P
300 mA triple DC-DC converter for powering AMOLED displays
16-Jul-2014
STOD32W STMICROELECTRONICS-STOD32W Datasheet
245Kb / 7P
100 mA triple DC-DC converter for powering AMOLED displays
04-Jun-2014
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com