Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AN3373 Datasheet(PDF) 7 Page - STMicroelectronics

Part # AN3373
Description  PM8803 is a highly integrated device embedding
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3373 Datasheet(HTML) 7 Page - STMicroelectronics

Back Button AN3373 Datasheet HTML 3Page - STMicroelectronics AN3373 Datasheet HTML 4Page - STMicroelectronics AN3373 Datasheet HTML 5Page - STMicroelectronics AN3373 Datasheet HTML 6Page - STMicroelectronics AN3373 Datasheet HTML 7Page - STMicroelectronics AN3373 Datasheet HTML 8Page - STMicroelectronics AN3373 Datasheet HTML 9Page - STMicroelectronics AN3373 Datasheet HTML 10Page - STMicroelectronics AN3373 Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 18 page
background image
1
C55
Ceramic capacitor
100 pF
50 V
603
Std
1
C56
Ceramic capacitor
22 nF
50 V
603
Std
1
C61
Ceramic capacitor
2.2 nF
2 kV
1812
TDK
1
D1,D21
Std diode
STTH1R02A
200 V
SMC
ST
1
D32
Zener diode
BZX84C10
SOT23
Std
8
D4,D7,D8,D9,D12D13,D14, D17
Schottky diode
STPS1H100A
100 V
SMA
ST
1
D11
TVS diode
SMAJ58A
SMA
ST
1
D23
Schottky diode
STPS1H100A
100 V
SMA
ST
NM
D24,D25
Bridge rectifier
NM
SDIP
NM
6
D28,D34,D36,D37D39,D40
Schottky diode
BAT46J
100 V
SOD323
ST
2
J1,J2
Power jack
SA,SP
Std
1
J3
RJ45 connector
Data & power input
Std
1
J4
RJ45 connector
Data output
Std
1
J5
Terminal block 2-way
MOR-10X10.5-P5-2PIN
Std
1
L5
SMT inductor
10 µH
MSS7341-103ML
Coilcraft
1
Q12
Mosfet N-channel
STS10N3LH5
30 V
SO8
ST
1
Q16
Transistor, PNP
MMBT3906LT1
40 V
SOT23
Std
1
Q17
Mosfet N-channel
STS1NF20
200 V
SOT223
ST
4
R10,R11,R12,R13
Chip resistor
75
Ω
603
Std
6
R17,R26,R37,R43
R49,R54
Ferrite bead
MPZ012101A
100R,4A
805
TDK
NM
R18
Chip resistor
NM
1206
NM
2
R27,R58
Chip resistor
124 k
Ω
1%
603
Std
2
R32,R51
Chip resistor
100 k
Ω
805
Std
Table 2.
Bill of material (continued)
Qty.
Reference
Description
Value
Tol.
Voltage
Body
Vendor



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com