Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AN3373 Datasheet(PDF) 3 Page - STMicroelectronics

Part # AN3373
Description  PM8803 is a highly integrated device embedding
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3373 Datasheet(HTML) 3 Page - STMicroelectronics

  AN3373 Datasheet HTML 1Page - STMicroelectronics AN3373 Datasheet HTML 2Page - STMicroelectronics AN3373 Datasheet HTML 3Page - STMicroelectronics AN3373 Datasheet HTML 4Page - STMicroelectronics AN3373 Datasheet HTML 5Page - STMicroelectronics AN3373 Datasheet HTML 6Page - STMicroelectronics AN3373 Datasheet HTML 7Page - STMicroelectronics AN3373 Datasheet HTML 8Page - STMicroelectronics AN3373 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 18 page
background image
AN3373
Electrical specifications
Doc ID 018626 Rev 1
3/18
1
Electrical specifications
Table 1.
Specifications for 3.3 V output
Parameter
Description
Min.
Typ.
Max.
Unit
Input voltage range
Applied at J3 connector
0
57
V
Operative input voltage
42
57
V
UVLO
Vin rising edge
36
V
Vin falling edge
30
V
Auxiliary input voltage range
35
60
V
Output voltage (Vout)
Vin = 42 V to 57 V, Iout 0 to Imax
3.25
3.35
3.45
V
Output current (Iout)
Vin = 42 V to 57 V
0
2
A
Peak-to-peak output ripple
48 Vin, Iout = Imax
50
70
mVpp
Inrush current limit
140
mA
DC current limit
440
mA
Efficiency DC-DC only
Vin = 48 V, Iout = Imax
90
%
Overall efficiency
Vin = 48 V, Iout = Imax
88
%
Switching frequency
250
kHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com