| Electronic Components Datasheet Search |
|
AN3971 Datasheet(PDF) 20 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
AN3971 Datasheet(HTML) 20 Page - STMicroelectronics |
|
20 / 28 page ![]() Layout guidelines AN3971 20/28 Doc ID 022119 Rev 2 7 Layout guidelines PCB layout is very important, especially for the SPV1020, in order to minimize noise, high frequency resonance problems, and electromagnetic interference. Paths between each inductor and the relative pin must be designed with the same resistance. Different resistance between the four branches can be the root cause of unbalanced currents flowing between the four branches. Unbalanced currents can imply damage and a bad tracking of the MPPT. It is essential to keep the paths as small as possible where the high switching current circulates, to reduce peak voltages, radiation and resonance problems. Large traces for high current paths and an extended ground plane under the metal slug of the package help reduce noise and heat dissipation, and furthermore, increase the efficiency. Depending on the maximum power of the application, two or more ground plane layers may be required, and in this case thermal vias must connect the ground plane layers. The number of layers, their thickness and number of thermal vias, affect the thermal resistance (Rth) of the SPV1020: for a proper design according to the power of the specific application it is suggested to refer to the TN0054 technical note. The boost capacitors, output and input capacitors, must be placed as close as possible to the pins of the IC. Output capacitance must be shared in at least four capacitors, each one connected to the four Vout pins of the SPV1020 IC. The external resistor dividers, if used, should be as close as possible to the Vin_sns and Vout_sns pins of the device, and as far as possible from the high current circulating paths, to avoid pick-up noise. Figure 15. STEVAL-ISV005V2 (top view) AM10267V1 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |