Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AN3971 Datasheet(PDF) 5 Page - STMicroelectronics

Part # AN3971
Description  For photovoltaic standalone installations
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3971 Datasheet(HTML) 5 Page - STMicroelectronics

  AN3971 Datasheet HTML 1Page - STMicroelectronics AN3971 Datasheet HTML 2Page - STMicroelectronics AN3971 Datasheet HTML 3Page - STMicroelectronics AN3971 Datasheet HTML 4Page - STMicroelectronics AN3971 Datasheet HTML 5Page - STMicroelectronics AN3971 Datasheet HTML 6Page - STMicroelectronics AN3971 Datasheet HTML 7Page - STMicroelectronics AN3971 Datasheet HTML 8Page - STMicroelectronics AN3971 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 28 page
background image
AN3971
Application overview
Doc ID 022119 Rev 2
5/28
The primary function of a charge controller in a standalone PV system is to maintain the
battery at the highest possible state of charge, and to protect it from overcharge by the array
and from over-discharge by the loads.
Although some PV systems can be effectively designed without the use of charge control,
any system that has unpredictable loads, user intervention, optimized or undersized battery
storage (to minimize initial cost), typically requires a battery charge controller.
The algorithm or control strategy of a battery charge controller determines the effectiveness
of battery charging and PV array utilization, and ultimately the ability of the system to meet
the load demands.
Important functions of battery charge controllers and system controls are:
●
To prevent battery overcharge: to limit the energy supplied to the battery by the PV
array when the battery becomes fully charged
●
To prevent battery over-discharge: to disconnect the battery from electrical loads when
the battery reaches a low state of charge
●
To provide load control functions: to automatically connect and disconnect an electrical
load at a specified time, for example, operating a lighting load from sunset to sunrise.
The most common battery type used is the valve regulated lead acid (VRLA) battery,
because of its low cost, maintenance-free operation and high efficiency characteristics.
Although the battery installation cost is relatively low compared to that of PV systems, the
lifetime cost of the battery is greatly increased because of the limited service time.
The lifetime parameter is reduced if there is low PV energy availability for prolonged periods
or improper charging control, both resulting in low battery state of charge (SOC) levels for
long time periods.
An increase in the lifetime of the battery results in improved reliability of the system and a
significant reduction in operating costs. The life of a lead acid battery can be extended by
avoiding critical operating conditions such as overvoltage and overcurrent during the
charge.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com