Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AN4007 Datasheet(PDF) 8 Page - STMicroelectronics

Part # AN4007
Description  In several applications, such as LCD or plasma TVs
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4007 Datasheet(HTML) 8 Page - STMicroelectronics

Back Button AN4007 Datasheet HTML 4Page - STMicroelectronics AN4007 Datasheet HTML 5Page - STMicroelectronics AN4007 Datasheet HTML 6Page - STMicroelectronics AN4007 Datasheet HTML 7Page - STMicroelectronics AN4007 Datasheet HTML 8Page - STMicroelectronics AN4007 Datasheet HTML 9Page - STMicroelectronics AN4007 Datasheet HTML 10Page - STMicroelectronics AN4007 Datasheet HTML 11Page - STMicroelectronics AN4007 Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 33 page
background image
Test board: design and evaluation
AN4007
8/33
Doc ID 022455 Rev 2
Figure 4.
Line and load regulation
1.2
Efficiency and light load measurements
Any external power supply (EPS) must be capable to meet the international regulation
agency limits. The european code of conduct (EC CoC) and US department of energy (DoE-
US EISA 2007) limits are taken as reference. EPS limits are fixed up to 76.4%, when the
average efficiency is measured. The average efficiency measures the average value at
25%, 50%, 75% and 100% of the rated output power, at both 115 Vac and 230 Vac.
Table 4
and
Table 5 show the results:
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.95
5.00
5.05
5.10
5.15
115Vac
230Vac
Output current [mA]
AM11343v1
Table 4.
Efficiency at 115 VAC
Load
IOUT
VOUT
POUT
PIN
Efficiency
25%
0.754.973.734.76
78.31%
50%
1.5
4.97
7.46
9.65
77.25%
75%
2.25
4.97
11.17
14.75
75.74%
100%
3
4.97
14.91
19.86
75.08%
Average efficiency
76.59%



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com