Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AN4007 Datasheet(PDF) 1 Page - STMicroelectronics

Part # AN4007
Description  In several applications, such as LCD or plasma TVs
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4007 Datasheet(HTML) 1 Page - STMicroelectronics

  AN4007 Datasheet HTML 1Page - STMicroelectronics AN4007 Datasheet HTML 2Page - STMicroelectronics AN4007 Datasheet HTML 3Page - STMicroelectronics AN4007 Datasheet HTML 4Page - STMicroelectronics AN4007 Datasheet HTML 5Page - STMicroelectronics AN4007 Datasheet HTML 6Page - STMicroelectronics AN4007 Datasheet HTML 7Page - STMicroelectronics AN4007 Datasheet HTML 8Page - STMicroelectronics AN4007 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 33 page
background image
December 2012
Doc ID 022455 Rev 2
1/33
AN4007
Application note
EVLVIP37LE5V3A: 15 W (5 V - 3 A) wide range single-output
demonstration board
By Fabio Cacciotto
Introduction
In several applications, such as LCD or plasma TVs, desktop computers, etc., the power
supply that converts the energy from the main, often includes two modules: the main power
supply that provides most of the power and is OFF when the application is OFF or in
standby mode, and the auxiliary power supply that provides energy only to some specific
parts of the equipment such as USB ports, remote receivers, or modems but is still ON
when the application is in standby mode.
It is often required that, in standby condition, the equipment input power is as low as
possible which means the input power of the auxiliary power supply in no load or light load
condition is reduced as low as possible.
This application note introduces a new offline high voltage converter from the VIPerPlus
family, the VIPER37LE and the presented demonstration board meets the specifications of a
wide range of auxiliary power supplies for said applications. Furthermore, it is optimized for
very low standby consumption, therefore helping to meet the most stringent energy saving
requirements.
Figure 1.
Demonstration board image: power supply board
www.st.com


Similar Part No. - AN4007

ManufacturerPart #DatasheetDescription
logo
Extech Instruments Corp...
AN400 EXTECH-AN400 Datasheet
150Kb / 6P
Cup Thermo-Anemometer
logo
Silicon Laboratories
AN400 SILABS-AN400 Datasheet
1Mb / 20P
Si474X ANTENNA, SCHEMATIC, LAYOUT, AND DESIGN GUIDELINES
logo
List of Unclassifed Man...
AN4000-521P ETC1-AN4000-521P Datasheet
39Kb / 1P
AN0625-521P
logo
M/A-COM Technology Solu...
AN4001 MA-COM-AN4001 Datasheet
197Kb / 7P
Application Note 300 Watt Class E Amplifier Using MRF151A
AN4002 MA-COM-AN4002 Datasheet
41Kb / 1P
Recommendations For Long -Term Transistor Storage
More results

Similar Description - AN4007

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
KSH45H11 FAIRCHILD-KSH45H11 Datasheet
42Kb / 5P
General Purpose Power and Switching Such as Output or Driver Stages in Applications D-PAK for Surface Mount Applications
MJD44H11 FAIRCHILD-MJD44H11 Datasheet
36Kb / 4P
General Purpose Power and Switching Such as Output or Driver Stages in Applications D-PAK for Surface Mount Applications
MJD45H11 FAIRCHILD-MJD45H11 Datasheet
42Kb / 5P
General Purpose Power and Switching Such as Output or Driver Stages in Applications D-PAK for Surface Mount Applications
KSH44H11I FAIRCHILD-KSH44H11I Datasheet
42Kb / 5P
General Purpose Power and Switching Such as Output or Driver Stages in Applications D-PAK for Surface Mount Applications
logo
STMicroelectronics
AN2929 STMICROELECTRONICS-AN2929 Datasheet
1Mb / 32P
In consumer applications such as LCD or plasma TVs
06-Apr-2011
AN3011 STMICROELECTRONICS-AN3011 Datasheet
1Mb / 37P
In certain applications such as LCD or plasma TVs
13-Jan-2011
logo
Ohmite Mfg. Co.
ARC2 OHMITE-ARC2 Datasheet
158Kb / 2P
Designed for applications such as voltage dividers
logo
STMicroelectronics
DSL03 STMICROELECTRONICS-DSL03 Datasheet
193Kb / 7P
Low capacitance TVS for high speed lines such as xDSL
03-Feb-2015
DSL02 STMICROELECTRONICS-DSL02 Datasheet
176Kb / 8P
Low capacitance TVS for high speed lines such as xDSL
03-Feb-2015
DSL04 STMICROELECTRONICS-DSL04 Datasheet
163Kb / 7P
Low capacitance TVS for high speed lines such as xDSL
February 2015 Rev 2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com