Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AN4130 Datasheet(PDF) 7 Page - STMicroelectronics

Part # AN4130
Description  LED driver using the HVLED815PF
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4130 Datasheet(HTML) 7 Page - STMicroelectronics

Back Button AN4130 Datasheet HTML 3Page - STMicroelectronics AN4130 Datasheet HTML 4Page - STMicroelectronics AN4130 Datasheet HTML 5Page - STMicroelectronics AN4130 Datasheet HTML 6Page - STMicroelectronics AN4130 Datasheet HTML 7Page - STMicroelectronics AN4130 Datasheet HTML 8Page - STMicroelectronics AN4130 Datasheet HTML 9Page - STMicroelectronics AN4130 Datasheet HTML 10Page - STMicroelectronics AN4130 Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 41 page
background image
AN4130
Theory of operation
Doc ID 023315 Rev 1
7/41
2.2
PFC-flyback
In the PFC-flyback converter the input voltage is the rectified line voltage, with almost no
filtering. Converter input voltage goes to zero when the line voltage crosses zero.
It's common practice to use the rectified line voltage as a reference for the peak current in
the flyback converter switch. This does not result in sinusoidal input current, but it's close
enough. The duty cycle change with input voltage still distorts the waveform. This is
discussed in detail in ST's AN1059 application note.
Figure 4.
Distortion of input current with sinewave reference
2.3
Non-isolated flyback
In this circuit the transformer secondary shares part of the primary winding. The lack of
isolation means that the burden of electrical safety rests on the LED thermal mounting. The
LEDs must be isolated from human contact.
Electrical stress on the power conversion components is lower than a corresponding
isolated flyback converter. Leakage inductance in the transformer is lower, because the
secondary occupies the same space as part of the primary, and the remaining primary is
very close to the secondary - interwinding insulation is not required. Reduced leakage
inductance results in less overshoot in the FET drain voltage, so a lower voltage FET can be
used safely. The HVELD815PF used here has an 800 V FET - too much for the US 120 V
application but ideal for European line voltage.
2.4
Primary-side control
A PFC-flyback converter usually uses a PFC controller chip such as ST's L6562AT with an
external FET and a feedback loop. The secondary side voltage and/or current are
monitored, compared to a reference on the secondary side, and a control signal sent to the
primary side with an opto-isolator. This signal is multiplied by a reference waveform (the
rectified line voltage) and used to control peak switch current.
ST has developed a primary-side control circuit that eliminates the need for the secondary-
side components. Voltage is monitored on the housekeeping winding at the end of the
flyback converter discharge cycle, just as the secondary current reaches zero. Secondary
current is set by measuring duty cycle and adjusting peak primary current, to provide a
calculated secondary average current. But the circuit cannot work with a multiplier, so
another method of shaping the peak switch current waveform must be found.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com