Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AN4130 Datasheet(PDF) 9 Page - STMicroelectronics

Part # AN4130
Description  LED driver using the HVLED815PF
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4130 Datasheet(HTML) 9 Page - STMicroelectronics

Back Button AN4130 Datasheet HTML 5Page - STMicroelectronics AN4130 Datasheet HTML 6Page - STMicroelectronics AN4130 Datasheet HTML 7Page - STMicroelectronics AN4130 Datasheet HTML 8Page - STMicroelectronics AN4130 Datasheet HTML 9Page - STMicroelectronics AN4130 Datasheet HTML 10Page - STMicroelectronics AN4130 Datasheet HTML 11Page - STMicroelectronics AN4130 Datasheet HTML 12Page - STMicroelectronics AN4130 Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 41 page
background image
AN4130
Theory of operation
Doc ID 023315 Rev 1
9/41
line voltage, and is a compromise for all others. But it's “good enough”. The small capacitor
across the lower resistor is only there to keep switching noise out of the circuit.
Figure 6.
Voltage and current waveforms with AC injection
The current waveform at the “nominal line” above actually has the lowest harmonic content
due to the input current distortion inherent in the PFC-flyback converter. The HVLED815PF
clamps the voltage on the ILED pin between about 0.2 V on the low end, and at about 1.5 V
on the high end. If the injected waveform wants to swing below 0.2 V, the peak current in the
FET is set to zero, so no input current flows. The scope images in Figure 7, 8, and 9 show
how well the AC injection works.
Figure 7.
Waveforms with 90 V input
Figure 8.
Waveforms with 110 V input
Trace colors:
Yellow = line voltage
Magenta = line current, 50 mA/div ref -3div
Blue = voltage at ILED pin, ref -3 div
Green = LED current, 50 mA/div ref -3div
Trace colors:
Yellow = line voltage
Magenta = line current, 50 mA/div ref -3div
Blue = voltage at ILED pin, ref -3 div
Green = LED current, 50 mA/div ref -3div



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com