Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

UM0677 Datasheet(PDF) 9 Page - STMicroelectronics

Part # UM0677
Description  High-efficiency switching LED driver for high-current LEDs
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM0677 Datasheet(HTML) 9 Page - STMicroelectronics

Back Button UM0677 Datasheet HTML 5Page - STMicroelectronics UM0677 Datasheet HTML 6Page - STMicroelectronics UM0677 Datasheet HTML 7Page - STMicroelectronics UM0677 Datasheet HTML 8Page - STMicroelectronics UM0677 Datasheet HTML 9Page - STMicroelectronics UM0677 Datasheet HTML 10Page - STMicroelectronics UM0677 Datasheet HTML 11Page - STMicroelectronics UM0677 Datasheet HTML 12Page - STMicroelectronics UM0677 Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
UM0677
Application
Doc ID 15396 Rev 2
9/16
3
Application
The PCB layout (top and bottom side) of the application displayed in the schematic of
Figure 2 is shown in the two figures below. The two layers of the PCB (35 µm thickness of
Cu) are used, when the size of the circuit itself (including several sense resistors for different
versions of output current) is 40 mm x 23 mm.
Figure 4.
PCB layout - top side
Figure 5.
PCB layout - bottom side



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com